Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9361BBCZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9361BBCZ Datasheet HTML 22Page - Analog Devices AD9361BBCZ Datasheet HTML 23Page - Analog Devices AD9361BBCZ Datasheet HTML 24Page - Analog Devices AD9361BBCZ Datasheet HTML 25Page - Analog Devices AD9361BBCZ Datasheet HTML 26Page - Analog Devices AD9361BBCZ Datasheet HTML 27Page - Analog Devices AD9361BBCZ Datasheet HTML 28Page - Analog Devices AD9361BBCZ Datasheet HTML 29Page - Analog Devices AD9361BBCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AD9361
Data Sheet
Rev. D | Page 26 of 36
Figure 38. Third-Order Input Intercept Point (IIP3) vs. RX Gain Index,
f1 = 30 MHz, f2 = 61 MHz
Figure 39. Second-Order Input Intercept Point (IIP2) vs. RX Gain Index,
f1 = 60 MHz, f2 = 61 MHz
Figure 40. RX Local Oscillator (LO) Leakage vs. RX LO Frequency
Figure 41. RX Emission at LNA Input, DC to 12 GHz, fLO_RX = 2.4 GHz,
LTE 20 MHz, fLO_TX = 2.46 GHz
Figure 42. TX Output Power vs. TX LO Frequency, Attenuation Setting = 0 dB,
Single Tone Output
Figure 43. TX Power Control Linearity Error vs. Attenuation Setting
–25
–20
–15
–10
–5
0
5
10
15
20
20
28
36
44
52
60
68
76
RX GAIN INDEX
–40°C
+25°C
+85°C
20
30
40
50
60
70
80
20
28
36
44
52
60
68
76
RX GAIN INDEX
–40°C
+25°C
+85°C
–130
–125
–120
–115
–110
–105
–100
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
RX LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
–120
–100
–80
–60
–40
–20
0
0
2000
4000
6000
8000
10000
12000
FREQUENCY (MHz)
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
TX LO FREQUENCY (MHz)
–40°C
+25°C
+85°C
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com