Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH5019ATR-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # VNH5019ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5019ATR-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VNH5019ATR-E Datasheet HTML 7Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 8Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 9Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 10Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 11Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 12Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 13Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 14Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
VNH5019A-E
Electrical specifications
Doc ID 15701 Rev 9
11/37
2.3
Electrical characteristics
Values specified in this section are for 8 V < VCC < 21 V, -40 °C < Tj < 150 °C, unless
otherwise specified.
Table 6.
Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Operating bridge supply
voltage
5.5
24
V
IS
Supply current
OFF-state with all fault cleared and ENx = 0 V
(standby):
INA = INB = PWM = 0; Tj = 25 °C; VCC = 13 V
INA = INB = PWM = 0
OFF-state (no standby):
INA = INB = PWM = 0; ENx = 5 V
10
15
60
6
µA
µA
mA
ON-state:
INA or INB = 5 V, no PWM
INA or INB = 5 V, PWM = 20 kHz
48
8
mA
mA
RONHS
Static high-side
resistance
IOUT = 15 A; Tj = 25 °C
12.0
m
Ω
IOUT = 15 A; Tj = - 40 °C to 150 °C
26.5
RONLS
Static low-side
resistance
IOUT = 15 A; Tj = 25 °C
6.0
m
Ω
IOUT = 15 A; Tj = - 40 °C to 150 °C
11.5
Vf
High-side
free-wheeling diode
forward voltage
If = 15 A,
Tj = 150 °C
0.6
0.8
V
IL(off)
High-side OFF-state
output current (per
channel)
Tj = 25 °C; VOUTX = ENX = 0 V; VCC = 13 V
3
µA
Tj = 125 °C; VOUTX = ENX = 0 V; VCC = 13 V
5
Table 7.
Logic inputs (INA, INB, ENA, ENB,PWM, CS_DIS)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Low-level input
voltage
Normal operation (DIAGX/ENX pin
acts as an input pin)
0.9
V
VIH
High-level input
voltage
Normal operation (DIAGX/ENX pin
acts as an input pin)
2.1
V
IINL
Low-level input current VIN = 0.9 V
1
µA
IINH
High-level input
current
VIN = 2.1 V
10
µA
VIHYST
Input hysteresis
voltage
Normal operation (DIAGX/ENX pin
acts as an input pin)
0.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com