Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH5019ATR-E Datasheet(PDF) 26 Page - STMicroelectronics

Part # VNH5019ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5019ATR-E Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VNH5019ATR-E Datasheet HTML 22Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 23Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 24Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 25Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 26Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 27Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 28Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 29Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Package and PCB thermal data
VNH5019A-E
26/37
Doc ID 15701 Rev 9
3
Package and PCB thermal data
3.1
MultiPowerSO-30 thermal data
Figure 16.
MultiPowerSO-30™ PC board
Figure 17.
Chipset configuration
Figure 18.
Auto and mutual Rthj-amb vs PCB copper area in open box free air
condition
Note:
Layout condition of Rth and Zth measurements (PCB FR4 area= 58 mm x 58 mm, PCB thickness=2 mm, Cu thickness=35 mm, Copper areas:
from minimum pad lay-out to 16 cm2).
CHIP 1
RthA
CHIP 2
CHIP 3
RthB
RthC
RthAB
RthAC
RthBC
0
5
10
15
20
25
30
35
40
45
50
0
2
4
6
8
1012
1416
18
cm 2 of Cu Area (refer to PCB layout)
RthA
RthB = RthC
RthAB = RthAC
RthBC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com