Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH5019ATR-E Datasheet(PDF) 35 Page - STMicroelectronics

Part # VNH5019ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5019ATR-E Datasheet(HTML) 35 Page - STMicroelectronics

Back Button VNH5019ATR-E Datasheet HTML 29Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 30Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 31Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 32Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 33Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 34Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 35Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 36Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
VNH5019A-E
Revision history
Doc ID 15701 Rev 9
35/37
6
Revision history
Table 21.
Document revision history
Date
Revision
Changes
22-Jan-2008
1
Initial release.
04-Nov-2009
2
Uploaded corporate template by using V3 version
Added Table 5: Thermal data
Section 2.1: Absolute maximum ratings
– Added text
Table 6: Power section
–IS: added max value for INA = INB = PWM = 0; Tj = 25 °C;
VCC=13V in Test conditions, deleted INA = INB = PWM = 0
–Vf: changed Test conditions, changed typ/max value
–IRM: deleted and copied in Table 8: Switching (VCC = 13 V,
RLOAD = 0.87 W, Tj = 25 °C) whole row
Table 8: Switching (VCC = 13 V, RLOAD = 0.87 W, Tj = 25 °C)
–tDEL: changed min/typ/max value
–Copied IRM row by Table 6: Power section
Updated Table 10: Current sense (8 V < VCC < 21 V)
Table 11: Charge pump
–VCP: changed min/max value for ENX = 5 V, changed typ
value for ENX = 5 V, VCC = 4.5 V
Updated Figure 11: Waveforms in full bridge operation (part 1)
Updated Figure 12: Waveforms in full bridge operation (part 2)
Added Chapter 4
16-Dec-2009
3
Updated following tables:
– Table 6: Power section
– Table 9: Protection and diagnostic
– Table 10: Current sense (8 V < VCC < 21 V)
Added Figure 6: Behavior in fault condition (how a fault can be
cleared)
Added Chapter 3: Package and PCB thermal data
06-Apr-2010
4
Updated Table 5: Thermal data.
Table 6: Power section:
–IS: updated test condition and max value
Updated table notes on Table 9: Protection and diagnostic.
Table 10: Current sense (8 V < VCC < 21 V):
–dK0/k0, dK1/k1, dK3/k3: updated minimum end maximum
values.
19-Apr-2010
5
Updated Table 10: Current sense (8 V < VCC < 21 V).
25-May-2010
6
Updated Features list.
Updated Table 6: Power section.
02-Sep-2010
7
Updated Table 5: Thermal data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com