Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH5019ATR-E Datasheet(PDF) 33 Page - STMicroelectronics

Part # VNH5019ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5019ATR-E Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VNH5019ATR-E Datasheet HTML 29Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 30Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 31Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 32Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 33Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 34Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 35Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 36Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
VNH5019A-E
Package and packing information
Doc ID 15701 Rev 9
33/37
4.4
MultiPowerSO-30 packing information
The devices can be packed in tube or tape and reel shipments (see
Table 20: Device
summary for packaging quantities).
Figure 25.
MultiPowerSO-30 tube shipment (no suffix)
Figure 26.
MultiPowerSO-30 tape and reel shipment (suffix “TR”)
A
B
C
Dimension
mm
Base q.ty
29
Bulk q.ty
435
Tube length (± 0.5)
532
A3.82
B23.6
C (± 0.13)
0.8
Reel dimensions
SO-28 tube shipment (no suffix)
Dimension
mm
Base q.ty
1000
Bulk q.ty
1000
A (max)
330
B (min)
1.5
C (± 0.2)
13
D (min)
20.2
G (+ 2 / -0)
32
N (min)
100
T (max)
38.4
Top
cover
tape
Start
No components
No components
Components
500 mm min
500 mm min
Empty components pockets
User direction of feed
Tape dimensions
According to Electronic Industries Association
(EIA) Standard 481 rev. A, Feb 1986
Description
Dimension
mm
Tape width
W
32
Tape hole spacing
P0 (± 0.1)
4
Component spacing
P
24
Hole diameter
D (± 0.1/-0)
1.5
Hole diameter
D1 (min)
2
Hole position
F (± 0.1)
14.2
Compartment Depth
K (max)
2.2
Hole Spacing
P1 (± 0.1)
2
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com