Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARA2001 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # ARA2001
Description  CATV Reverse Amplifier with step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2001 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  ARA2001 Datasheet HTML 1Page - ANADIGICS, Inc ARA2001 Datasheet HTML 2Page - ANADIGICS, Inc ARA2001 Datasheet HTML 3Page - ANADIGICS, Inc ARA2001 Datasheet HTML 4Page - ANADIGICS, Inc ARA2001 Datasheet HTML 5Page - ANADIGICS, Inc ARA2001 Datasheet HTML 6Page - ANADIGICS, Inc ARA2001 Datasheet HTML 7Page - ANADIGICS, Inc ARA2001 Datasheet HTML 8Page - ANADIGICS, Inc ARA2001 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
ARA2001S23
ELECTRICAL CHARACTERISTICS (TYPICAL) (V
DD=5 VDC, TC=25 °C) (Continued)
Attenuation Level vs Control Word
0
4
8
12
16
20
24
28
32
36
40
44
48
52
56
60
64
0
4
8
1216
202428
32364044
485256
Control Word
Notes:
1. As measured in ANADIGICS test fixture
2. At +60 dBmV output level into 75 ohm load
R
E
T
E
M
A
R
A
PN
I
MP
Y
TX
A
MT
I
N
US
T
N
E
M
M
O
C
I
1
D
D
-4
.
26
A
md
e
l
b
a
s
i
d
x
T
I
2
D
D
)
4
2
d
n
a
1
2
s
n
i
P
(
)
p
m
A
t
u
p
t
u
O
(-
7
70
2
1A
md
e
l
b
a
n
e
x
T
I
2
D
D
-7
.
39
A
md
e
l
b
a
s
i
d
x
T
I
D
D
)
2
n
i
P
(
)r
o
t
a
u
n
e
tt
A
(
l
a
ti
g
i
D-
9
5
1A
m
n
o
it
p
m
u
s
n
o
C
r
e
w
o
P-
7
6
.
08
0
.
1W
d
e
l
b
a
n
e
x
T
n
o
it
p
m
u
s
n
o
C
r
e
w
o
P-
5
70
5
1W
md
e
l
b
a
s
i
d
x
T
e
z
i
S
p
e
t
S
r
o
t
a
u
n
e
tt
A6
.
0-
4
.
1B
d
s
s
e
n
t
a
l
F
n
i
a
G
1
-5
.
1-
B
dz
H
M
5
6
-
5
t
n
e
i
s
n
a
r
T
e
g
a
tl
o
V
t
u
p
t
u
O
1
e
l
b
a
s
i
d
/
e
l
b
a
n
e
x
T
-
-
-
4
0
0
1
7
p
-
p
V
m
-
g
n
it
t
e
S
r
o
t
a
u
n
e
tt
A
b
d
0
t
A
g
n
it
t
e
S
r
o
t
a
u
n
e
tt
A
b
d
4
2
t
A
n
o
it
a
u
n
e
tt
A
m
u
m
i
x
a
M6
.
8
53
.
0
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com