Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARA2001 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ARA2001
Description  CATV Reverse Amplifier with step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2001 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ARA2001 Datasheet HTML 1Page - ANADIGICS, Inc ARA2001 Datasheet HTML 2Page - ANADIGICS, Inc ARA2001 Datasheet HTML 3Page - ANADIGICS, Inc ARA2001 Datasheet HTML 4Page - ANADIGICS, Inc ARA2001 Datasheet HTML 5Page - ANADIGICS, Inc ARA2001 Datasheet HTML 6Page - ANADIGICS, Inc ARA2001 Datasheet HTML 7Page - ANADIGICS, Inc ARA2001 Datasheet HTML 8Page - ANADIGICS, Inc ARA2001 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
ARA2001S23
32 dB
16 dB
8 dB
4 dB
2 dB
1 dB
EFET
EFET
GaAs IC
Attn In
Amp Out
Amp In
ISET 1
Control 1
Amp Out
Amp In
Attn In
32 dB
16 dB
8 dB
4 dB
2 dB
1 dB
Attn Out
Amp In
Amp Out
Control 2
ISET 2
Amp Out
Amp In
Attn Out
CMOS IC (Serial to Parallel Interface)
8-Bit Shift
Register
Buffer
Control Latch
P5
P4
P3
P2
P1
P0
8
Clock
Data
Enable
Figure 2: ARA 2001 Block Diagram
V
D
D
)
4
2
,
1
2
,
9
,
4
,
2
S
N
I
P
(9
C
D
V
V
N
I
F
R
)
8
,
5
S
N
I
P
(3
-
o
t
0C
D
V
T
T
A
N
I
T
T
A
)
0
1
,
3
(
T
U
O
V
)
6
2
,
9
1
(5
C
D
V
I
T
E
S
)
2
2
,
7
S
N
I
P
(
2C
D
V
S
N
I
P
(
e
g
a
tl
o
V
t
u
p
n
I
F
R
8
,
5
*
)
0
6
+V
m
B
d
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S0
0
2
+
o
t
5
5
-C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
i
r
e
d
l
o
S0
6
2C
°
e
m
i
T
g
n
i
r
e
d
l
o
S5
c
e
S
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C
g
n
it
a
r
e
p
O5
8
+
o
t
0C
°
ABSOLUTE MAXIMUM RATINGS
PARAMETER
PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com