Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARA2001 Datasheet(PDF) 12 Page - ANADIGICS, Inc

Part # ARA2001
Description  CATV Reverse Amplifier with step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2001 Datasheet(HTML) 12 Page - ANADIGICS, Inc

Back Button ARA2001 Datasheet HTML 8Page - ANADIGICS, Inc ARA2001 Datasheet HTML 9Page - ANADIGICS, Inc ARA2001 Datasheet HTML 10Page - ANADIGICS, Inc ARA2001 Datasheet HTML 11Page - ANADIGICS, Inc ARA2001 Datasheet HTML 12Page - ANADIGICS, Inc ARA2001 Datasheet HTML 13Page - ANADIGICS, Inc ARA2001 Datasheet HTML 14Page - ANADIGICS, Inc ARA2001 Datasheet HTML 15Page - ANADIGICS, Inc ARA2001 Datasheet HTML 16Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
ARA2001S23
NOTE
1. PACKAGE BODY SIZES EXCLUDE MOLD FLASH AND
GATE BURRS
2. TOLERANCE 0.004in.[0.10 mm] UNLESS OTHERWISE SPECIFIED
3. CONTROLLING DIMENSION ARE INCHES.
4. REF. - MO-137
A1
y
θ
D
e
L
E
H
b
C
A2
SYMBOLS
A
0.004
0.000
0.025
0.150
0°
−−−
0.016
0.228
0.386
0.007
0.008
0.004
8°
0.394
0.050
0.157
0.244
0.012
0.010
DIMENSIONS IN INCHES
0.057
MIN
MAX
0.061
θ
S
T
0.096
0.190
−−−
−−−
0.10
0.00
.64
3.81
0°
−−−
0.40
5.80
9.80
0.18
0.20
0.10
8°
10.00
1.27
4.00
6.20
0.30
0.25
DIMENSIONS IN MILLIMETERS
1.45
MIN
MAX
1.55
2.43
4.82
−−−
−−−
0.057
1.45
Package Outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com