Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARA2001 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ARA2001
Description  CATV Reverse Amplifier with step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2001 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ARA2001 Datasheet HTML 1Page - ANADIGICS, Inc ARA2001 Datasheet HTML 2Page - ANADIGICS, Inc ARA2001 Datasheet HTML 3Page - ANADIGICS, Inc ARA2001 Datasheet HTML 4Page - ANADIGICS, Inc ARA2001 Datasheet HTML 5Page - ANADIGICS, Inc ARA2001 Datasheet HTML 6Page - ANADIGICS, Inc ARA2001 Datasheet HTML 7Page - ANADIGICS, Inc ARA2001 Datasheet HTML 8Page - ANADIGICS, Inc ARA2001 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
S23
28 PIN SSOP PACKAGE
FEATURES
APPLICATIONS
ARA2001S23
CATV Reverse Amplifier with Step Attenuator
Advanced Product Information - Rev. 2
·
Low cost integrated monolithic GaAs
amplifier with step attenuator.
·
Attenuation Range: 0 – 58 dB, variable in
1 dB steps via 8 bit serial input.
·
Meets DOCSIS distortion requirements at
+60 dBmV
·
Low distortion & Low noise figure
·
Frequency range: 5 – 100 MHz
·
5 Volt operation
·
MCNS/DOCSIS Compliant Cable Modems
·
CATV Interactive Set-Top Box
·
Telephony over Cable Systems
Description
The ARA2001S23 is a GaAs IC designed to provide the reverse path amplification and output level control
functions in a CATV Set-Top Box or Cable Modem. It incorporates a digitally controlled precision step
attenuator that is preceded by an ultra low noise amplifier stage, and followed by an ultra-linear output driver
amplifier. This part is a balanced design that meets or exceeds the MCNS/DOCSIS requirement for
harmonic performance @ +60dBmV output levels while only requiring a single polarity +5V supply. Both the
input and output are matched to 75 ohms. The precision attenuator provides up to 58 dB of attenuation in 1
dB increments. The ARA2001S23 is supplied in a 28-pin SSOP package featuring a thermal heat slug on the
bottom of the package. Soldering this heat slug to the ground plane of the PC board ensures the lowest
possible thermal resistance for the device resulting in a long MTF.
·
Open Cable Set-Top Box
PA
MAC
QAM
Receiver
w/FEC
SAW
Double
Conversion
Tuner
Microcontroller
w/Enet MAC
RAM
ROM
10Base-T
Tranceiver
Balun
ARA2001 Reverse Amp
54-860 MHz
Gain Control
Clock
Clock
Data
Data
RJ45
Connector
45 MHz IF
Tx Enable/Disable
CMOS IC
PA
PA
"Shutdown"
~
Low Pass
Filter
Diplexer
Filter
Coax Input
ATTN
1/2/4/8/16/32 dB
PA
~
"Shutdown"
Low Pass
Filter
Upstream
QPSK/
16-QAM
Modulator
Figure 1: Cable Modem or Interactive Set-Top Box Block Diagram


Similar Part No. - ARA2001

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA2000 ANADIGICS-ARA2000 Datasheet
204Kb / 20P
Address-Programmable Reverse Amplifier with Step Attenuator
Rev 2.2
ARA2000 ANADIGICS-ARA2000 Datasheet
1Mb / 21P
Address-Programmable Reverse Amplifier with Step Attenuator
Rev 2.3
ARA2000S12P1 ANADIGICS-ARA2000S12P1 Datasheet
204Kb / 20P
Address-Programmable Reverse Amplifier with Step Attenuator
Rev 2.2
ARA2000S12P1 ANADIGICS-ARA2000S12P1 Datasheet
1Mb / 21P
Address-Programmable Reverse Amplifier with Step Attenuator
Rev 2.3
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
CATV Reverse Amplifier with step Attenuator
Rev 2
More results

Similar Description - ARA2001

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA05050S12-1 ANADIGICS-ARA05050S12-1 Datasheet
1Mb / 12P
CATV Reverse Amplifier w/step Attenuator
Rev 6
ARA05050S12 ANADIGICS-ARA05050S12 Datasheet
3Mb / 12P
CATV Reverse Amplifier w/step Attenuator
Rev 6
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
CATV Reverse Amplifier with step Attenuator
Rev 2
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
CATV Reverse Amplifier with step Attenuator
Rev 2
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
Reverse Amplifier with Step Attenuator
REV 2.1
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
Reverse Amplifier with Step Attenuator
Rev 2.1
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
Reverse Amplifier with Step Attenuator
Rev 1.3
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
Reverse Amplifier with Step Attenuator
Rev 0.0
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
Reverse Amplifier with Step Attenuator
Rev 2.2
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
Reverse Amplifier with Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com