Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARA2001 Datasheet(PDF) 10 Page - ANADIGICS, Inc

Part # ARA2001
Description  CATV Reverse Amplifier with step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA2001 Datasheet(HTML) 10 Page - ANADIGICS, Inc

Back Button ARA2001 Datasheet HTML 6Page - ANADIGICS, Inc ARA2001 Datasheet HTML 7Page - ANADIGICS, Inc ARA2001 Datasheet HTML 8Page - ANADIGICS, Inc ARA2001 Datasheet HTML 9Page - ANADIGICS, Inc ARA2001 Datasheet HTML 10Page - ANADIGICS, Inc ARA2001 Datasheet HTML 11Page - ANADIGICS, Inc ARA2001 Datasheet HTML 12Page - ANADIGICS, Inc ARA2001 Datasheet HTML 13Page - ANADIGICS, Inc ARA2001 Datasheet HTML 14Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
ARA2001S23
SERIAL
DATA
FUNCTION
P0
1 dB Attenuator Bit
Data Port Description
P7
P6
P5
P4
P3
P2
P1
2 dB Attenuator Bit
4 dB Attenuator Bit
8 dB Attenuator Bit
16 dB Attenuator Bit
32 dB Attenuator Bit
N/A
N/A
DATA
CLOCK
ENABLE
ENABLE
OR
D
7: MSB
D
6
D
5
D
4
D
1
D
0: LSB
SERIAL DATA INPUT TIMING
Programming Word
Figure 4
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
P0
P1
P2
P3
P4
P5
P6
P7
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com