Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2652AMFKB Datasheet(PDF) 15 Page - Texas Instruments

Part # TLC2652AMFKB
Description  Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2652AMFKB Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC2652AMFKB Datasheet HTML 11Page - Texas Instruments TLC2652AMFKB Datasheet HTML 12Page - Texas Instruments TLC2652AMFKB Datasheet HTML 13Page - Texas Instruments TLC2652AMFKB Datasheet HTML 14Page - Texas Instruments TLC2652AMFKB Datasheet HTML 15Page - Texas Instruments TLC2652AMFKB Datasheet HTML 16Page - Texas Instruments TLC2652AMFKB Datasheet HTML 17Page - Texas Instruments TLC2652AMFKB Datasheet HTML 18Page - Texas Instruments TLC2652AMFKB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS PRECISION CHOPPERSTABILIZED
OPERATIONAL AMPLIFIERS
SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 9
|IO| − Output Current − mA
4.6
4.4
4.2
4
0
0.4
0.8
1.2
4.8
MAXIMUM PEAK OUTPUT VOLTAGE
vs
OUTPUT CURRENT
5
1.6
2
VDD ± = ±5 V
TA = 25°C
VOM +
VOM −
Figure 10
|IO| − Output Current − mA
7.1
6.9
6.7
0
0.4
0.8
1.2
7.3
MAXIMUM PEAK OUTPUT VOLTAGE
vs
OUTPUT CURRENT
7.5
1.6
2
VDD ± = ±7.5 V
TA = 25°C
VOM +
VOM −
Figure 11
TA − Free-Air Temperature − °C
0
−75
0
25
50
2.5
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
5
75
100
125
VDD ± = ±5 V
RL = 10 kΩ
− 2.5
−5
−50
− 25
Figure 12
0
4
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
8
TA − Free-Air Temperature − °C
−75
0
25
50
75
100
125
VDD ± = ±7.5 V
RL = 10 kΩ
−50
− 25
−8
−4
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com