Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2652AMFKB Datasheet(PDF) 17 Page - Texas Instruments

Part # TLC2652AMFKB
Description  Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2652AMFKB Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC2652AMFKB Datasheet HTML 13Page - Texas Instruments TLC2652AMFKB Datasheet HTML 14Page - Texas Instruments TLC2652AMFKB Datasheet HTML 15Page - Texas Instruments TLC2652AMFKB Datasheet HTML 16Page - Texas Instruments TLC2652AMFKB Datasheet HTML 17Page - Texas Instruments TLC2652AMFKB Datasheet HTML 18Page - Texas Instruments TLC2652AMFKB Datasheet HTML 19Page - Texas Instruments TLC2652AMFKB Datasheet HTML 20Page - Texas Instruments TLC2652AMFKB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS PRECISION CHOPPERSTABILIZED
OPERATIONAL AMPLIFIERS
SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 15
|VDD ±| − Supply Voltage − V
480
460
440
420
0
1
234
5
500
520
CHOPPING FREQUENCY
vs
SUPPLY VOLTAGE
540
67
8
TA = 25°C
Figure 16
−50
− 25
TA − Free-Air Temperature − °C
430
420
410
400
−75
0
25
50
440
450
CHOPPING FREQUENCY
vs
FREE-AIR TEMPERATURE
460
75
100
125
VDD ± = ±5 V
Figure 17
|VDD ±| − Supply Voltage − V
1.2
0.8
0.4
0
02
3
5
1.6
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
2
78
14
6
TA = 25°C
TA = − 55°C
TA = 125°C
VO = 0
No Load
−50
− 25
TA − Free-Air Temperature − °C
1.2
0.8
0.4
0
−75
0
50
1.6
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
2
100
125
25
75
VDD ± = ±5 V
VDD ± = ±7.5 V
VDD ± = ±2.5 V
VO = 0
No Load
Figure 18
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com