Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2652AMFKB Datasheet(PDF) 19 Page - Texas Instruments

Part # TLC2652AMFKB
Description  Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2652AMFKB Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC2652AMFKB Datasheet HTML 15Page - Texas Instruments TLC2652AMFKB Datasheet HTML 16Page - Texas Instruments TLC2652AMFKB Datasheet HTML 17Page - Texas Instruments TLC2652AMFKB Datasheet HTML 18Page - Texas Instruments TLC2652AMFKB Datasheet HTML 19Page - Texas Instruments TLC2652AMFKB Datasheet HTML 20Page - Texas Instruments TLC2652AMFKB Datasheet HTML 21Page - Texas Instruments TLC2652AMFKB Datasheet HTML 22Page - Texas Instruments TLC2652AMFKB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS PRECISION CHOPPERSTABILIZED
OPERATIONAL AMPLIFIERS
SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 23
−25
t − Time −
µs
0
−75
−100
01
2
3
25
75
VOLTAGE-FOLLOWER
SMALL-SIGNAL
PULSE RESPONSE
100
45
67
50
VDD ± = ±5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
−50
Figure 24
t − Time −
µs
0
−1
−3
−4
0
5
10
15
20
1
3
VOLTAGE-FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
4
25
30
35
40
−2
2
VDD ± = ±5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
Figure 25
fch − Chopping Frequency − kHz
PEAK-TO-PEAK INPUT NOISE VOLTAGE
vs
CHOPPING FREQUENCY
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
02
4
6
8
10
VDD ± = ±5 V
RS = 20 Ω
f = 0 to 1 Hz
TA = 25°C
Figure 26
fch − Chopping Frequency − kHz
3
2
1
0
02
4
6
4
PEAK-TO-PEAK INPUT NOISE VOLTAGE
vs
CHOPPING FREQUENCY
5
810
VDD ± = ±5 V
RS = 20 Ω
f = 0 to 10 Hz
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com