Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6745DPTP3 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 5Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 6Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 7Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 8Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 9Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 10Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 11Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 12Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
2
Device Overview
2.1
Device Characteristics
Table 2-1 provides an overview of the C6745/6747 low power digital signal processor. The table shows
significant features of the device, including the capacity of on-chip RAM, peripherals, and the package
type with pin count.
Table 2-1. Characteristics of the C6745/C6747 Processor
HARDWARE FEATURES
C6745
C6747
EMIFB
16bit, up to 128MB SDRAM
16/32bit, up to 256MB SDRAM
Asynchronous (8/16-bit bus width) RAM,
Asynchronous (8-bit bus width) RAM,
EMIFA
Flash, 16bit up to 128MB SDRAM, NOR,
Flash, NOR, NAND
NAND
Flash Card Interface
MMC and SD cards supported.
EDMA3
32 independent channels, 8 QDMA channels, 2 Transfer controllers
2 64-Bit General Purpose (each configurable as 2 separate 32-bit timers, 1 configurable
Timers
as Watch Dog)
UART
3 (one with RTS and CTS flow control)
SPI
2 (each with one hardware chip select)
I2C
2 (both Master/Slave)
Multichannel Audio
2 (each with transmit/receive, FIFO buffer,
3 (each with transmit/receive, FIFO buffer,
Serial Port [McASP]
16/9 serializers)
16/9 serializers)
Peripherals
10/100 Ethernet MAC
with Management Data
1 (RMII Interface)
Not all peripherals pins
I/O
are available at the
eHRPWM
6 Single Edge, 6 Dual Edge Symmetric, or 3 Dual Edge Asymmetric Outputs
same time (for more
detail, see the Device
eCAP
3 32-bit capture inputs or 3 32-bit auxiliary PWM outputs
Configurations section).
eQEP
2 32-bit QEP channels with 4 inputs/channel
UHPI
-
1 (16-bit multiplexed address/data)
Full Speed Host Or Device with On-Chip
High-Speed OTG Controller with on-chip
USB 2.0 (USB0)
PHY
OTG PHY
Full-Speed OHCI (as host) with on-chip
USB 1.1 (USB1)
-
PHY
General-Purpose
8 banks of 16-bit
Input/Output Port
LCD Controller
-
1
1 (32 KHz oscillator and seperate power
RTC
-
trail. Provides time and date tracking and
alarm capability.)
PRU Subsystem
2 Programmable PRU Cores
(PRUSS)
Size (Bytes)
320 KB RAM
448 KB RAM
DSP
32KB L1 Program (L1P)/Cache (up to 32KB)
32KB L1 Data (L1D)/Cache (up to 32KB)
On-Chip Memory
256KB Unified Mapped RAM/Cache (L2)
Organization
DSP Memories can be made accessible to EDMA3, and other peripherals.
ADDITIONAL MEMORY
-
128KB RAM
C674x CPU ID + CPU
Control Status Register
0x1400
Rev ID
(CSR.[31:16])
C674x Megamodule
Revision ID Register
0x0000
Revision
(MM_REVID[15:0])
0x0B7D F02F (Silicon Revision 1.0)
JTAG BSDL_ID
DEVIDR0 register
0x8B7D F02F (Silicon Revision 1.1)
0x9B7D F02F (Silicon Revisions 3.0, 2.1, and 2.0)
Copyright © 2008–2013, Texas Instruments Incorporated
Device Overview
9
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com