Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6745DPTP3 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 18Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 19Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 20Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 21Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 22Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 23Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 24Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 25Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
www.ti.com
2.4
Memory Map Summary
Note: Read/Write accesses to illegal or reserved addresses in the memory map may cause undefined
behavior.
Table 2-4. C6747 Top Level Memory Map
Start Address
End Address
Size
DSP Mem Map
EDMA Mem Map
PRUSS Mem
Master
LCDC
Map
Peripheral
Mem
Mem Map
Map
0x0000 0000
0x0000 0FFF
4K
-
PRUSS Local
Address Space
0x0000 1000
0x006F FFFF
0x0070 0000
0x007F FFFF
1024K
DSP L2 ROM (1)
-
0x0080 0000
0x0083 FFFF
256K
DSP L2 RAM
-
0x0084 0000
0x00DF FFFF
-
0x00E0 0000
0x00E0 7FFF
32K
DSP L1P RAM
-
0x00E0 8000
0x00EF FFFF
0x00F0 0000
0x00F0 7FFF
32K
DSP L1D RAM
-
0x00F0 8000
0x017F FFFF
0x0180 0000
0x0180 FFFF
64K
DSP Interrupt
-
Controller
0x0181 0000
0x0181 0FFF
4K
DSP Powerdown
-
Controller
0x0181 1000
0x0181 1FFF
4K
DSP Security ID
-
0x0181 2000
0x0181 2FFF
4K
DSP Revision ID
-
0x0181 3000
0x0181 FFFF
52K
-
-
0x0182 0000
0x0182 FFFF
64K
DSP EMC
-
0x0183 0000
0x0183 FFFF
64K
DSP Internal
-
Reserved
0x0184 0000
0x0184 FFFF
64K
DSP Memory
-
System
0x0185 0000
0x01BF FFFF
0x01C0 0000
0x01C0 7FFF
32K
EDMA3 Channel Controller
-
0x01C0 8000
0x01C0 83FF
1024
EDMA3 Transfer Controller 0
-
0x01C0 8400
0x01C0 87FF
1024
EDMA3 Transfer Controller 1
-
0x01C0 8800
0x01C0 FFFF
0x01C1 0000
0x01C1 0FFF
4K
PSC 0
-
0x01C1 1000
0x01C1 1FFF
4K
PLL Controller
-
0x01C1 2000
0x01C1 3FFF
0x01C1 4000
0x01C1 4FFF
4K
SYSCFG
-
0x01C1 5000
0x01C1 FFFF
-
0x01C2 0000
0x01C2 0FFF
4K
Timer64P 0
-
0x01C2 1000
0x01C2 1FFF
4K
Timer64P 1
-
0x01C2 2000
0x01C2 2FFF
4K
I2C 0
-
0x01C2 3000
0x01C2 3FFF
4K
RTC
-
0x01C2 4000
0x01C3 FFFF
-
0x01C4 0000
0x01C4 0FFF
4K
MMC/SD 0
-
0x01C4 1000
0x01C4 1FFF
4K
SPI 0
-
0x01C4 2000
0x01C4 2FFF
4K
UART 0
-
0x01C4 3000
0x01CF FFFF
-
0x01D0 0000
0x01D0 0FFF
4K
McASP 0 Control
-
0x01D0 1000
0x01D0 1FFF
4K
McASP 0 AFIFO Control
-
(1)
The DSP L2 ROM is used for boot purposes and cannot be programmed with application code
22
Device Overview
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com