Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6745DPTP3 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 6Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 7Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 8Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 9Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 10Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 11Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 12Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 13Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
www.ti.com
Table 2-1. Characteristics of the C6745/C6747 Processor (continued)
HARDWARE FEATURES
C6745
C6747
CPU Frequency
MHz
674x DSP at 375 MHz(1.2V) or 456 MHz (1.3V)
Core (V)
1.2V / 1.3V
Voltage
I/O (V)
3.3 V
24 mm x 24 mm, 176-Pin, 0.5 mm pitch,
17 mm x 17 mm, 256-Ball 1 mm pitch,
Package
TQFP (PTP)
PBGA (ZKB)
Product Preview (PP),
Advance Information
375 MHz Versions -PD
Product Status(1)
(AI),
456 MHz Version - PD
or Production Data
(PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
2.2
Device Compatibility
The C674x DSP core is code-compatible with the C6000™ DSP platform and supports features of both
the C64x+ and C67x+ DSP families.
10
Device Overview
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com