Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8347ECVRADFB Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
42
Freescale Semiconductor
JTAG
Figure 26. Local Bus Signals, GPCM/UPM Signals for LCCR[CLKDIV] = 4 (DLL Enabled)
11 JTAG
This section describes the DC and AC electrical specifications for the IEEE Std. 1149.1 (JTAG) interface
of the MPC8347EA.
11.1
JTAG DC Electrical Characteristics
Table 40 provides the DC electrical characteristics for the IEEE Std. 1149.1 (JTAG) interface of the
MPC8347EA.
Table 40. JTAG Interface DC Electrical Characteristics
Parameter
Symbol
Condition
Min
Max
Unit
Input high voltage
VIH
—OVDD –0.3
OVDD +0.3
V
Input low voltage
VIL
—–0.3
0.8
V
Input current
IIN
——
±5
μA
Output high voltage
VOH
IOH = –8.0 mA
2.4
—
V
LSYNC_IN
UPM Mode Input Signal:
LUPWAIT
tLBIXKH2
tLBIVKH2
tLBIVKH1
tLBIXKH1
tLBKHOZ1
T1
T3
Input Signals:
LAD[0:31]/LDP[0:3]
UPM Mode Output Signals:
LCS[0:3]/LBS[0:3]/LGPL[0:5]
GPCM Mode Output Signals:
LCS[0:3]/LWE
tLBKHOV1
tLBKHOV1
tLBKHOZ1
T2
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com