Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8347ECVRADFB Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
Freescale Semiconductor
43
JTAG
11.2
JTAG AC Timing Specifications
This section describes the AC electrical specifications for the IEEE Std. 1149.1 (JTAG) interface of the
MPC8347EA. Table 41 provides the JTAG AC timing specifications as defined in Figure 28 through
Figure 31.
Output low voltage
VOL
IOL = 8.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Table 41. JTAG AC Timing Specifications (Independent of CLKIN)1
At recommended operating conditions (see Table 2).
Parameter
Symbol2
Min
Max
Unit
Notes
JTAG external clock frequency of operation
fJTG
033.3
MHz
—
JTAG external clock cycle time
t JTG
30
—
ns
—
JTAG external clock pulse width measured at 1.4 V
tJTKHKL
15
—
ns
—
JTAG external clock rise and fall times
tJTGR, tJTGF
02
ns
—
TRST assert time
tTRST
25
—
ns
3
Input setup times:
Boundary-scan data
TMS, TDI
tJTDVKH
tJTIVKH
4
4
—
—
ns
4
Input hold times:
Boundary-scan data
TMS, TDI
tJTDXKH
tJTIXKH
10
10
—
—
ns
4
Valid times:
Boundary-scan data
TDO
tJTKLDV
tJTKLOV
2
2
11
11
ns
5
Output hold times:
Boundary-scan data
TDO
tJTKLDX
tJTKLOX
2
2
—
—
ns
5
Table 40. JTAG Interface DC Electrical Characteristics (continued)
Parameter
Symbol
Condition
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com