Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8347ECVRADFB Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
76
Freescale Semiconductor
Clocking
19 Clocking
Figure 42 shows the internal distribution of the clocks.
Figure 42. MPC8347EA Clock Subsystem
The primary clock source can be one of two inputs, CLKIN or PCI_CLK, depending on whether the device
is configured in PCI host or PCI agent mode. When the MPC8347EA is configured as a PCI host device,
CLKIN is its primary input clock. CLKIN feeds the PCI clock divider (
÷2) and the multiplexors for
PCI_SYNC_OUT and PCI_CLK_OUT. The CFG_CLKIN_DIV configuration input selects whether
CLKIN or CLKIN/2 is driven out on the PCI_SYNC_OUT signal. The OCCR[PCICDn] parameters select
whether CLKIN or CLKIN/2 is driven out on the PCI_CLK_OUTn signals.
PCI_SYNC_OUT is connected externally to PCI_SYNC_IN to allow the internal clock subsystem to
synchronize to the system PCI clocks. PCI_SYNC_OUT must be connected properly to PCI_SYNC_IN,
with equal delay to all PCI agent devices in the system, to allow the MPC8347EA to function. When the
device is configured as a PCI agent device, PCI_CLK is the primary input clock and the CLKIN signal
should be tied to GND.
Core PLL
System PLL
DDR
LBIU
LSYNC_IN
LSYNC_OUT
LCLK[0:2]
MCK[0:5]
MCK[0:5]
core_clk
e300 Core
csb_clk to Rest
CLKIN
csb_clk
6
6
DDR
Memory
Local Bus
PCI_CLK_OUT[0:4]
PCI_SYNC_OUT
PCI_CLK/
Clock
Unit
of the Device
ddr_clk
lbiu_clk
CFG_CLKIN_DIV
PCI Clock
PCI_SYNC_IN
Device
Memory
Device
/n
To Local Bus
Memory
Controller
To DDR
Memory
Controller
DLL
Clock
Div
/2
Divider
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com