Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8347ECVRADFB Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC8347ECVRADFB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8347ECVRADFB Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC8347ECVRADFB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8347ECVRADFB Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
68
Freescale Semiconductor
Package and Pin Listings
PCI1_TRDY
A13
I/O
OVDD
5
PCI1_IRDY
E13
I/O
OVDD
5
PCI1_STOP
C13
I/O
OVDD
5
PCI1_DEVSEL
B13
I/O
OVDD
5
PCI1_IDSEL
C17
I
OVDD
—
PCI1_SERR
C12
I/O
OVDD
5
PCI1_PERR
B12
I/O
OVDD
5
PCI1_REQ[0]
A21
I/O
OVDD
PCI1_REQ[1]/CPCI1_HS_ES
C19
I
OVDD
—
PCI1_REQ[2:4]
C18, A19, E20
I
OVDD
—
PCI1_GNT0
B20
I/O
OVDD
—
PCI1_GNT1/CPCI1_HS_LED
C20
O
OVDD
—
PCI1_GNT2/CPCI1_HS_ENUM
B19
O
OVDD
—
PCI1_GNT[3:4]
A20, E18
O
OVDD
—
M66EN
L26
I
OVDD
—
DDR SDRAM Memory Interface
MDQ[0:63]
AC25, AD27, AD25, AH27, AE28,
AD26, AD24, AF27, AF25, AF28,
AH24, AG26, AE25, AG25, AH26,
AH25, AG22, AH22, AE21, AD19,
AE22, AF23, AE19, AG20, AG19,
AD17, AE16, AF16, AF18, AG18,
AH17, AH16, AG9, AD12, AG7, AE8,
AD11, AH9, AH8, AF6, AF8, AE6,
AF1, AE4, AG8, AH3, AG3, AG4, AH2,
AD7, AB4, AB3, AG1, AD5, AC2, AC1,
AC4, AA3, Y4, AA4, AB1, AB2, Y5, Y3
I/O
GVDD
—
MECC[0:4]/MSRCID[0:4]
AG13, AE14, AH12, AH10, AE15
I/O
GVDD
—
MECC[5]/MDVAL
AH14
I/O
GVDD
—
MECC[6:7]
AE13, AH11
I/O
GVDD
—
MDM[0:8]
AG28, AG24, AF20, AG17, AE9, AH5,
AD1, AA2, AG12
OGVDD
—
MDQS[0:8]
AE27, AE26, AE20, AH18, AG10, AF5,
AC3, AA1, AH13
I/O
GVDD
—
MBA[0:1]
AF10, AF11
O
GVDD
—
MA[0:14]
AF13, AF15, AG16, AD16, AF17,
AH20, AH19, AH21, AD18, AG21,
AD13, AF21, AF22, AE1, AA5
OGVDD
—
MWE
AD10
O
GVDD
—
Table 56. MPC8347EA (PBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com