Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7682BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD7682BCPZ
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7682BCPZ Datasheet HTML 8Page - Analog Devices AD7682BCPZ Datasheet HTML 9Page - Analog Devices AD7682BCPZ Datasheet HTML 10Page - Analog Devices AD7682BCPZ Datasheet HTML 11Page - Analog Devices AD7682BCPZ Datasheet HTML 12Page - Analog Devices AD7682BCPZ Datasheet HTML 13Page - Analog Devices AD7682BCPZ Datasheet HTML 14Page - Analog Devices AD7682BCPZ Datasheet HTML 15Page - Analog Devices AD7682BCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD7682/AD7689
Data Sheet
Rev. D | Page 12 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 2.5 V to 5.5 V, VREF = 2.5 V to 5 V, VIO = 2.3 V to VDD, unless otherwise noted.
1.5
1.0
0.5
0
–0.5
–1.5
–1.0
CODES
0
16,384
32,768
49,152
65,536
INL MAX = +0.34 LSB
INL MIN = –0.44 LSB
Figure 6. Integral Nonlinearity vs. Code, VREF = VDD = 5 V
200k
180k
160k
140k
120k
100k
80k
60k
40k
20k
0
7FFA
CODE IN HEX
7FFB 7FFC 7FFD 7FFE 7FFF 8000
8001
8002
0
0
487
619
0
0
0
σ = 0.50
VREF = VDD = 5V
135,326
124,689
Figure 7. Histogram of a DC Input at Code Center
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
050
25
75
100
125
FREQUENCY (kHz)
VREF = VDD = 5V
fS= 250kSPS
fIN = 19.9kHz
SNR = 92.9dB
SINAD = 92.4dB
THD = –102dB
SFDR = 103dB
SECOND HARMONIC = –111dB
THIRD HARMONIC = –104dB
Figure 8. 20 kHz FFT, VREF = VDD = 5 V
1.5
1.0
0.5
0
–0.5
–1.0
0
16,384
32,768
49,152
65,536
CODES
DNL MAX = +0.20 LSB
DNL MIN = –0.22 LSB
Figure 9. Differential Nonlinearity vs. Code, VREF = VDD = 5 V
160k
140k
120k
100k
80k
60k
40k
20k
0
CODE IN HEX
7FFB 7FFC 7FFD 7FFE 7FFF 8000
8001
8002
8003
178
6649
51,778
4090
60
1
σ = 0.78
VREF = VDD = 2.5V
63,257
135,207
Figure 10. Histogram of a DC Input at Code Center
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
050
25
75
100
FREQUENCY (kHz)
VREF = VDD = 2.5V
fs= 200kSPS
fIN = 19.9kHz
SNR = 88.0dB
SINAD = 87.0dB
THD = –89dB
SFDR = 89dB
SECOND HARMONIC = –105dB
THIRD HARMONIC = –90dB
Figure 11. 20 kHz FFT, VREF = VDD = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com