Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7682BCPZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD7682BCPZ
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682BCPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7682BCPZ Datasheet HTML 20Page - Analog Devices AD7682BCPZ Datasheet HTML 21Page - Analog Devices AD7682BCPZ Datasheet HTML 22Page - Analog Devices AD7682BCPZ Datasheet HTML 23Page - Analog Devices AD7682BCPZ Datasheet HTML 24Page - Analog Devices AD7682BCPZ Datasheet HTML 25Page - Analog Devices AD7682BCPZ Datasheet HTML 26Page - Analog Devices AD7682BCPZ Datasheet HTML 27Page - Analog Devices AD7682BCPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD7682/AD7689
Data Sheet
Rev. D | Page 24 of 32
DIGITAL INTERFACE
The AD7682/AD7689 use a simple 4-wire interface and are
compatible with SPI, MICROWIRE™, QSPI™, digital hosts,
and DSPs, for example, Blackfin® ADSP-BF53x, SHARC®,
ADSP-219x, and ADSP-218x.
The interface uses the CNV, DIN, SCK, and SDO signals and
allows CNV, which initiates the conversion, to be independent
of the readback timing. This is useful in low jitter sampling or
simultaneous sampling applications.
A 14-bit register, CFG[13:0], is used to configure the ADC for
the channel to be converted, the reference selection, and other
components, which are detailed in the Configuration Register,
CFG, section.
When CNV is low, reading/writing can occur during conversion,
acquisition, and spanning conversion (acquisition plus conver-
sion), as detailed in the following sections. The CFG word is
updated on the first 14 SCK rising edges, and conversion results
are output on the first 15 (or 16 if busy mode is selected) SCK
falling edges. If the CFG readback is enabled, an additional
14 SCK falling edges are required to output the CFG word
associated with the conversion results with the CFG MSB
following the LSB of the conversion result.
A discontinuous SCK is recommended because the part is selected
with CNV low, and SCK activity begins to write a new
configuration word and clock out data.
Note that in the following sections, the timing diagrams indicate
digital activity (SCK, CNV, DIN, SDO) during the conversion.
However, due to the possibility of performance degradation,
digital activity should occur only prior to the safe data reading/
writing time, tDATA, because the AD7682/AD7689 provide error
correction circuitry that can correct for an incorrect bit during
this time. From tDATA to tCONV, there is no error correction and
conversion results may be corrupted. The user should configure
the AD7682/AD7689 and initiate the busy indicator (if desired)
prior to tDATA. It is also possible to corrupt the sample by having
SCK or DIN transitions near the sampling instant. Therefore, it
is recommended to keep the digital pins quiet for approximately
20 ns before and 10 ns after the rising edge of CNV, using a
discontinuous SCK whenever possible to avoid any potential
performance degradation.
READING/WRITING DURING CONVERSION, FAST
HOSTS
When reading/writing during conversion (n), conversion
results are for the previous (n − 1) conversion, and writing the
CFG register is for the next (n + 1) acquisition and conversion.
After the CNV is brought high to initiate conversion, it must be
brought low again to allow reading/writing during conversion.
Reading/writing should only occur up to tDATA and, because this
time is limited, the host must use a fast SCK.
The SCK frequency required is calculated by
DATA
SCK
t
Edges
SCK
Number
f
_
_
≥
The time between tDATA and tCONV is a safe time when digital
activity should not occur, or sensitive bit decisions may be corrupt.
READING/WRITING AFTER CONVERSION, ANY
SPEED HOSTS
When reading/writing after conversion, or during acquisition
(n), conversion results are for the previous (n − 1) conversion,
and writing is for the (n + 1) acquisition.
For the maximum throughput, the only time restriction is that
the reading/writing take place during the tACQ (minimum) time.
For slow throughputs, the time restriction is dictated by the
throughput required by the user, and the host is free to run at
any speed. Thus for slow hosts, data access must take place
during the acquisition phase.
READING/WRITING SPANNING CONVERSION, ANY
SPEED HOST
When reading/writing spanning conversion, the data access starts
at the current acquisition (n) and spans into the conversion (n).
Conversion results are for the previous (n − 1) conversion, and
writing the CFG register is for the next (n + 1) acquisition and
conversion.
Similar to reading/writing during conversion, reading/writing
should only occur up to tDATA. For the maximum throughput,
the only time restriction is that reading/writing take place
during the tACQ + tDATA time.
For slow throughputs, the time restriction is dictated by the
user’s required throughput, and the host is free to run at any
speed. Similar to reading/writing during acquisition, for slow
hosts, the data access must take place during the acquisition
phase with additional time into the conversion.
Note that data access spanning conversion requires the CNV to
be driven high to initiate a new conversion, and data access is
not allowed when CNV is high. Thus, the host must perform
two bursts of data access when using this method.
CONFIGURATION REGISTER, CFG
The AD7682/AD7689 use a 14-bit configuration register
(CFG[13:0]), as detailed in Table 10, to configure the inputs,
the channel to be converted, the one-pole filter bandwidth,
the reference, and the channel sequencer. The CFG register is
latched (MSB first) on DIN with 14 SCK rising edges. The CFG
update is edge dependent, allowing for asynchronous or
synchronous hosts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com