| Electronic Components Datasheet Search |
|
AD7682BCPZ Datasheet(PDF) 29 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7682BCPZ Datasheet(HTML) 29 Page - Analog Devices |
|
29 / 32 page ![]() Data Sheet AD7682/AD7689 Rev. D | Page 29 of 32 READ/WRITE SPANNING CONVERSION WITHOUT A BUSY INDICATOR This mode is used when the AD7682/AD7689 are connected to any host using an SPI, serial port, or FPGA. The connection diagram is shown in Figure 40, and the corresponding timing is given in Figure 41. For the SPI, the host should use CPHA = CPOL = 0. Reading/writing spanning conversion is shown, which covers all three modes detailed in the Digital Interface section. For this mode, the host must generate the data transfer based on the conversion time. For an interrupt driven transfer that uses a busy indicator, refer to the Read/Write Spanning Conversion with a Busy Indicator section. A rising edge on CNV initiates a conversion, forces SDO to high impedance, and ignores data present on DIN. After a conversion is initiated, it continues until completion irrespec- tive of the state of CNV. CNV must be returned high before the safe data transfer time, tDATA, and then held high beyond the conversion time, tCONV, to avoid generation of the busy signal indicator. After the conversion is complete, the AD7682/AD7689 enter the acquisition phase and power-down. When the host brings CNV low after tCONV (maximum), the MSB is enabled on SDO. The host also must enable the MSB of the CFG register at this time (if necessary) to begin the CFG update. While CNV is low, both a CFG update and a data readback take place. The first 14 SCK rising edges are used to update the CFG, and the first 15 SCK falling edges clock out the conversion results starting with MSB − 1. The restriction for both configuring and reading is that they both must occur before the tDATA time of the next conver- sion elapses. All 14 bits of CFG[13:0] must be written, or they are ignored. In addition, if the 16-bit conversion result is not read back before tDATA elapses, it is lost. The SDO data is valid on both SCK edges. Although the rising edge can be used to capture the data, a digital host using the SCK falling edge allows a faster reading rate, provided it has an acceptable hold time. After the 16th (or 30th) SCK falling edge, or when CNV goes high (whichever occurs first), SDO returns to high impedance. If CFG readback is enabled, the CFG register associated with the conversion result is read back MSB first following the LSB of the conversion result. A total of 30 SCK falling edges is required to return SDO to high impedance if this is enabled. MISO MOSI SCK SS CNV FOR SPI USE CPHA = 0, CPOL = 0. SCK SDO DIN AD7682/ AD7689 DIGITAL HOST Figure 40. Connection Diagram for the AD7682/AD7689 Without a Busy Indicator UPDATE (n) CFG/SDO UPDATE (n + 1) CFG/SDO ACQUISITION (n) ACQUISITION (n + 1) ACQUISITION (n - 1) MSB MSB – 1 1 2 BEGIN DATA (n – 1) BEGIN CFG (n + 1) CFG MSB CFG MSB – 1 LSB + 1 14 15 SEE NOTE SEE NOTE NOTES 1. THE LSB IS FOR CONVERSION RESULTS OR THE CONFIGURATION REGISTER CFG (n – 1) IF 15 SCK FALLING EDGES = LSB OF CONVERSION RESULTS. 29 SCK FALLING EDGES = LSB OF CONFIGURATION REGISTER. ON THE 16TH OR 30TH SCK FALLING EDGE, SDO IS DRIVEN TO HIGH IMPENDANCE. 16/ 30 CONVERSION (n) END DATA (n – 1) END CFG (n + 1) CFG LSB X X > tCONV LSB SCK CNV DIN SDO LSB + 1 14 15 16/ 30 CONVERSION (n – 1) END DATA (n – 2) END CFG (n) CFG LSB X X tCONV tDATA tCNVH tDATA tDIS tDIS tEN tDSDO tHSDO tHDIN tSDIN tCLSCK tEN tEN tSCK tSCKH tSCKL tDIS tDIS tCONV LSB tACQ tCYC (QUIET TIME) (QUIET TIME) EOC EOC RETURN CNV HIGH FOR NO BUSY RETURN CNV HIGH FOR NO BUSY Figure 41. Serial Interface Timing for the AD7682/AD7689 Without a Busy Indicator |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |