Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20020ILJP Datasheet(PDF) 26 Page - Microchip Technology

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

COM20020ILJP Datasheet(HTML) 26 Page - Microchip Technology

Back Button COM20020ILJP Datasheet HTML 22Page - Microchip Technology COM20020ILJP Datasheet HTML 23Page - Microchip Technology COM20020ILJP Datasheet HTML 24Page - Microchip Technology COM20020ILJP Datasheet HTML 25Page - Microchip Technology COM20020ILJP Datasheet HTML 26Page - Microchip Technology COM20020ILJP Datasheet HTML 27Page - Microchip Technology COM20020ILJP Datasheet HTML 28Page - Microchip Technology COM20020ILJP Datasheet HTML 29Page - Microchip Technology COM20020ILJP Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
Revision 12-05-06
Page 26
SMSC COM20020I Rev D
DATASHEET
Chapter 6
Functional Description
6.1
Microsequencer
The COM20020ID contains an internal microsequencer which performs all of the control operations
necessary to carry out the ARCNET protocol. It consists of a clock generator, a 544 x 8 ROM, a program
counter, two instruction registers, an instruction decoder, a no-op generator, jump logic, and
reconfiguration logic.
The COM20020ID derives a 10 MHz and a 5 MHz clock from the output clock of the Clock Multiplier.
These clocks provide the rate at which the instructions are executed within the COM20020ID. The 10
MHz clock is the rate at which the program counter operates, while the 5 MHz clock is the rate at which the
instructions are executed. The microprogram is stored in the ROM and the instructions are fetched and
then placed into the instruction registers.
One register holds the opcode, while the other holds the
immediate data. Once the instruction is fetched, it is decoded by the internal instruction decoder, at which
point the COM20020ID proceeds to execute the instruction. When a no-op instruction is encountered, the
microsequencer enters a timed loop and the program counter is temporarily stopped until the loop is
complete. When a jump instruction is encountered, the program counter is loaded with the jump address
from the ROM.
The COM20020ID contains an internal reconfiguration timer which interrupts the
microsequencer if it has timed out. At this point the program counter is cleared and the MYRECON bit of
the Diagnostic Status Register is set.
Table 6.1 - Read Register Summary
REGISTER
MSB
READ
LSB
ADDR
STATUS
RI/TRI
X/RI
X/TA
POR
TEST
RECON
TMA
TA/
TTA
00
DIAG.
STATUS
MY-
RECON
DUPID
RCV-
ACT
TOKEN
EXC-
NAK
TENTID
NEW
NEXTID
X
01
ADDRESS
PTR HIGH
RD-
DATA
AUTO-
INC
X
X
X
A10
A9
A8
02
ADDRESS
PTR LOW
A7
A6
A5
A4
A3
A2
A1
A0
03
DATA
D7
D6
D5
D4
D3
D2
D1
D0
04
SUB ADR
(R/W)
Note 6.1
0
0
0
(R/W)
Note 6.1
SUB-
AD2
SUB-
AD1
SUB-
AD0
05
CONFIG-
URATION
RESET
CCHEN
TXEN
ET1
ET2
BACK-
PLANE
SUB-
AD1
SUB-
AD0
06
TENTID
TID7
TID6
TID5
TID4
TID3
TID2
TID1
TID0
07-0
NODE ID
NID7
NID6
NID5
NID4
NID3
NID2
NID1
NID0
07-1
SETUP1
P1
MODE
FOUR
NAKS
X
RCV-
ALL
CKP3
CKP2
CKP1
SLOW-
ARB
07-2
NEXT ID
NXT
ID7
NXT
ID6
NXT
ID5
NXT
ID4
NXT
ID3
NXT
ID2
NXT
ID1
NXT
ID0
07-3
SETUP2
RBUS-
TMG
X
CKUP1
CKUP0
EF
NO-
SYNC
RCN-
TM1
RCM-
TM2
07-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com