Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20020ILJP Datasheet(PDF) 28 Page - Microchip Technology

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

COM20020ILJP Datasheet(HTML) 28 Page - Microchip Technology

Back Button COM20020ILJP Datasheet HTML 24Page - Microchip Technology COM20020ILJP Datasheet HTML 25Page - Microchip Technology COM20020ILJP Datasheet HTML 26Page - Microchip Technology COM20020ILJP Datasheet HTML 27Page - Microchip Technology COM20020ILJP Datasheet HTML 28Page - Microchip Technology COM20020ILJP Datasheet HTML 29Page - Microchip Technology COM20020ILJP Datasheet HTML 30Page - Microchip Technology COM20020ILJP Datasheet HTML 31Page - Microchip Technology COM20020ILJP Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
Revision 12-05-06
Page 28
SMSC COM20020I Rev D
DATASHEET
New Next ID interrupt is cleared by reading the Next ID Register. The Interrupt Mask Register defaults to
the value 0000 0000 upon hardware reset.
6.2.2
Data Register
This read/write 8-bit register is used as the channel through which the data to and from the RAM passes.
The data is placed in or retrieved from the address location presently specified by the address pointer.
The contents of the Data Register are undefined upon hardware reset. In case of READ operation, the
Data Register is loaded with the contents of COM20020ID Internal Memory upon writing Address Pointer
low only once.
6.2.3
Tentative ID Register
The Tentative ID Register is a read/write 8-bit register accessed when the Sub Address Bits are set up
accordingly (please refer to the Configuration Register and SUB ADR Register). The Tentative ID Register
can be used while the node is on-line to build a network map of those nodes existing on the network. It
minimizes the need for operator interaction with the network. The node determines the existence of other
nodes by placing a Node ID value in the Tentative ID Register and waiting to see if the Tentative ID bit of
the Diagnostic Status Register gets set. The network map developed by this method is only valid for a
short period of time, since nodes may join or depart from the network at any time.
When using the
Tentative ID feature, a node cannot detect the existence of the next logical node to which it passes the
token. The Next ID Register will hold the ID value of that node. The Tentative ID Register defaults to the
value 0000 0000 upon hardware reset only.
6.2.4
Node ID Register
The Node ID Register is a read/write 8-bit register accessed when the Sub Address Bits are set up
accordingly (please refer to the Configuration Register and SUB ADR Register). The Node ID Register
contains the unique value which identifies this particular node. Each node on the network must have a
unique Node ID value at all times. The Duplicate ID bit of the Diagnostic Status Register helps the user
find a unique Node ID. Refer to the Initialization Sequence section for further detail on the use of the
DUPID bit. The core of the COM20020ID does not wake up until a Node ID other than zero is written into
the Node ID Register. During this time, no microcode is executed, no tokens are passed by this node, and
no reconfigurations are caused by this node.
Once a non-zero NodeID is placed into the Node ID
Register, the core wakes up but will not join the network until the TXEN bit of the Configuration Register is
set. While the Transmitter is disabled, the Receiver portion of the device is still functional and will provide
the user with useful information about the network. The Node ID Register defaults to the value 0000 0000
upon hardware reset only.
6.2.5
Next ID Register
The Next ID Register is an 8-bit, read-only register, accessed when the sub-address bits are set up
accordingly (please refer to the Configuration Register and SUB ADR Register). The Next ID Register
holds the value of the Node ID to which the COM20020ID will pass the token. When used in conjunction
with the Tentative ID Register, the Next ID Register can provide a complete network map. The Next ID
Register is updated each time a node enters/leaves the network or when a network reconfiguration occurs.
Each time the microsequencer updates the Next ID Register, a New Next ID interrupt is generated. This bit
is cleared by reading the Next ID Register. Default value is 0000 0000 upon hardware or software reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com