Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20020ILJP Datasheet(PDF) 35 Page - Microchip Technology

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

COM20020ILJP Datasheet(HTML) 35 Page - Microchip Technology

Back Button COM20020ILJP Datasheet HTML 31Page - Microchip Technology COM20020ILJP Datasheet HTML 32Page - Microchip Technology COM20020ILJP Datasheet HTML 33Page - Microchip Technology COM20020ILJP Datasheet HTML 34Page - Microchip Technology COM20020ILJP Datasheet HTML 35Page - Microchip Technology COM20020ILJP Datasheet HTML 36Page - Microchip Technology COM20020ILJP Datasheet HTML 37Page - Microchip Technology COM20020ILJP Datasheet HTML 38Page - Microchip Technology COM20020ILJP Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
SMSC COM20020I Rev D
Page 35
Revision 12-05-06
DATASHEET
Table 6.9 - Configuration Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Reset
RESET
A software reset of the COM20020ID is executed by writing a logic
"1" to this bit. A software reset does not reset the microcontroller
interface mode, nor does it affect the Configuration Register. The
only registers that the software reset affect are the Status Register,
the Next ID Register, and the Diagnostic Status Register. This bit
must be brought back to logic "0" to release the reset.
6
Command
Chaining Enable
CCHEN
This bit, if high, enables the Command Chaining operation of the
device. Please refer to the Command Chaining section for further
details. A low level on this bit ensures software compatibility with
previous SMSC ARCNET devices.
5
Transmit Enable
TXEN
When low, this bit disables transmissions by keeping nPULSE1,
nPULSE2 if in non-Backplane Mode, and nTXEN pin inactive.
When high, it enables the above signals to be activated during
transmissions. This bit defaults low upon reset. This bit is typically
enabled once the Node ID is determined, and never disabled during
normal operation. Please refer to the Improved Diagnostics section
for details on evaluating network activity.
4,3
Extended
Timeout 1,2
ET1, ET2
These bits allow the network to operate over longer distances than
the default maximum 2 miles by controlling the Response, Idle, and
Reconfiguration Times. All nodes should be configured with the
same timeout values for proper network operation. For the
COM20020ID with a 20 MHz crystal oscillator, the bit combinations
follow:
ET2
0
0
1
1
ET1
0
1
0
1
Response
Time (
μS)
596.6
298.4
149.2
37.4
Idle Time
(
μS)
656
328
164
41
Reconfig
Time (mS)
840
840
840
420
Note: These
values
are
for
5Mbps
and
RCNTMR[1,0]=00.
Reconfiguration time is changed by the RCNTMR1 and
RCNTMR0 bits.
2
Backplane
BACK-
PLANE
A logic "1" on this bit puts the device into Backplane Mode signaling
which is used for Open Drain and Differential Driver interfaces.
1,0
Sub Address 1,0
SUBAD 1,0
These bits determine which register at address 07 may be
accessed. The combinations are as follows:
SUBAD1
SUBAD0
Register
0
0
Tentative ID
0
1
Node ID
1
0
Setup 1
1
1
Next ID
See also the Sub Address Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com