Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20020ILJP Datasheet(PDF) 47 Page - Microchip Technology

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

COM20020ILJP Datasheet(HTML) 47 Page - Microchip Technology

Back Button COM20020ILJP Datasheet HTML 43Page - Microchip Technology COM20020ILJP Datasheet HTML 44Page - Microchip Technology COM20020ILJP Datasheet HTML 45Page - Microchip Technology COM20020ILJP Datasheet HTML 46Page - Microchip Technology COM20020ILJP Datasheet HTML 47Page - Microchip Technology COM20020ILJP Datasheet HTML 48Page - Microchip Technology COM20020ILJP Datasheet HTML 49Page - Microchip Technology COM20020ILJP Datasheet HTML 50Page - Microchip Technology COM20020ILJP Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
SMSC COM20020I Rev D
Page 47
Revision 12-05-06
DATASHEET
6.6
Reset Details
6.6.1
Internal Reset Logic
The COM20020ID includes special reset circuitry to guarantee smooth operation during reset. Special care
is taken to assure proper operation in a variety of systems and modes of operation. The COM20020ID
contains digital filter circuitry and a Schmitt Trigger on the nRESET signal to reject glitches in order to
ensure fault-free operation.
The COM20020ID supports two reset options; software and hardware reset. A software reset is generated
when a logic "1" is written to bit 7 of the Configuration Register. The device remains in reset as long as
this bit is set. The software reset does not affect the microcontroller interface modes determined after
hardware reset, nor does it affect the contents of the Address Pointer Registers, the Configuration
Register, or the Setup1 Register. A hardware reset occurs when a low signal is asserted on the nRESET
input. The minimum reset pulse width is 5TXTL. This pulse width is used by the internal digital filter, which
filters short glitches to allow only valid resets to occur.
Upon reset, the transmitter portion of the device is disabled and the internal registers assume those states
outlined in the Internal Registers section. After the nRESET signal is removed the user may write to the
internal registers. Since writing a non-zero value to the Node ID Register wakes up the COM20020ID
core, the Setup1 Register should be written before the Node ID Register. Once the Node ID Register is
written to, the COM20020ID reads the value and executes two write cycles to the RAM buffer. Address 0 is
written with the data D1H and address 1 is written with the Node ID. The data pattern D1H was chosen
arbitrarily, and is meant to provide assurance of proper microsequencer operation.
6.7
Initialization Sequence
6.7.1
Bus Determination
Writing to and reading from an odd address location from the COM20020ID's address space causes the
COM20020ID to determine the appropriate bus interface.
When the COM20020ID is powered on the
internal registers may be written to. Since writing a non-zero value to the Node ID Register wakes up the
core, the Setup1 Register should be written to before the Node ID Register. Until a non-zero value is
placed into the NID Register, no microcode is executed, no tokens are passed by this node, and no
reconfigurations are generated by this node. Once a non-zero value is placed in the register, the core
wakes up, but the node will not attempt to join the network until the TX Enable bit of the Configuration
Register is set.
Before setting the TX Enable bit, the software may make some determinations. The software may first
observe the Receive Activity and the Token Seen bits of the Diagnostic Status Register to verify the health
of the receiver and the network.
Next, the uniqueness of the Node ID value placed in the Node ID Register is determined. The TX Enable
bit should still be a logic "0" until it is ensured that the Node ID is unique. If this node ID already exists, the
Duplicate ID bit of the Diagnostic Status Register is set after a maximum of 420mS (or 840mS if the ET1
and ET2 bits are other than 1,1). To determine if another node on the network already has this ID, the
COM20020ID compares the value in the Node ID Register with the DID's of the token, and determines
whether there is a response to it. Once the Diagnostic Status Register is read, the DUPID bit is cleared.
The user may then attempt a new ID value, wait 420mS before checking the Duplicate ID bit, and repeat
the process until a unique Node ID is found. At this point, the TX Enable bit may be set to allow the node
to join the network. Once the node joins the network, a reconfiguration occurs, as usual, thus setting the
MYRECON bit of the Diagnostic Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com