Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM20020ILJP Datasheet(PDF) 12 Page - Microchip Technology

Part # COM20020ILJP
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

COM20020ILJP Datasheet(HTML) 12 Page - Microchip Technology

Back Button COM20020ILJP Datasheet HTML 8Page - Microchip Technology COM20020ILJP Datasheet HTML 9Page - Microchip Technology COM20020ILJP Datasheet HTML 10Page - Microchip Technology COM20020ILJP Datasheet HTML 11Page - Microchip Technology COM20020ILJP Datasheet HTML 12Page - Microchip Technology COM20020ILJP Datasheet HTML 13Page - Microchip Technology COM20020ILJP Datasheet HTML 14Page - Microchip Technology COM20020ILJP Datasheet HTML 15Page - Microchip Technology COM20020ILJP Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Datasheet
Revision 12-05-06
Page 12
SMSC COM20020I Rev D
DATASHEET
Chapter 4
Protocol Description
4.1
Network Protocol
Communication on the network is based on a token passing protocol.
Establishment of the network
configuration and management of the network protocol are handled entirely by the COM20020ID's internal
microcoded sequencer. A processor or intelligent peripheral transmits data by simply loading a data packet
and its destination ID into the COM20020ID's internal RAM buffer, and issuing a command to enable the
transmitter. When the COM20020ID next receives the token, it verifies that the receiving node is ready by
first transmitting a FREE BUFFER ENQUIRY message. If the receiving node transmits an ACKnowledge
message, the data packet is transmitted followed by a 16-bit CRC. If the receiving node cannot accept the
packet (typically its receiver is inhibited), it transmits a Negative AcKnowledge message and the
transmitter passes the token. Once it has been established that the receiving node can accept the packet
and transmission is complete, the receiving node verifies the packet.
If the packet is received
successfully, the receiving node transmits an ACKnowledge message (or nothing if it is not received
successfully) allowing the transmitter to set the appropriate status bits to indicate successful or unsuccessful
delivery of the packet. An interrupt mask permits the COM20020ID to generate an interrupt to the processor
when selected status bits become true. Figure 3.1 is a flow chart illustrating the internal operation of the
COM20020ID connected to a 20 MHz crystal oscillator.
4.2
Data Rates
The COM20020ID is capable of supporting data rates from 156.25 Kbps to 5 Mbps. The following protocol
description assumes a 5 Mbps data rate. To attain the faster data rates, the clock frequency may be
doubled by the internal clock multiplier (see next section). For slower data rates, an internal clock divider
scales down the clock frequency. Thus all timeout values are scaled as shown in the following table:
Example:
IDLE LINE Timeout @ 5 Mbps = 41
μs. IDLE LINE Timeout for 156.2 Kbps is 41 μs * 32 = 1.3 ms
INTERNAL CLOCK
FREQUENCY
CLOCK PRESCALER
DATA RATE
TIMEOUT SCALING FACTOR
(MULTIPLY BY)
40 MHz
Div. by 8
5 Mbps
1
20 MHz
Div. by 8
Div. by 16
Div. by 32
Div. by 64
Div. by 128
2.5 Mbps
1.25 Mbps
625 Kbps
312.5 Kbps
156.25 Kbps
2
4
8
16
32
4.2.1
Selecting Clock Frequencies Above 2.5 Mbps
To realize a 5 Mbps network, an external 40 MHz clock must be input. However, since 40 MHz is near the
frequency of FM radio band, it is not practical for use for noise emission reasons.
Therefore, higher frequency clocks are generated from the 20 MHz crystal as selected through two bits in
the Setup2 register, CKUP[1,0] as shown below. The selected clock is supplied to the ARCNET controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com