Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO99PDB2V2 Datasheet(PDF) 144 Page - Microsemi Corporation

Part # IO99PDB2V2
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO99PDB2V2 Datasheet(HTML) 144 Page - Microsemi Corporation

Back Button IO99PDB2V2 Datasheet HTML 140Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 141Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 142Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 143Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 144Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 145Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 146Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 147Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 148Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-128
Revision 13
Global Tree Timing Characteristics
Global clock delays include the central rib delay, the spine delay, and the row delay. Delays do not
include I/O input buffer clock delays, as these are I/O standard–dependent, and the clock may be driven
and conditioned internally by the CCC module. For more details on clock conditioning capabilities, refer
to the "Clock Conditioning Circuits" section on page 2-132. Table 2-204 to Table 2-210 on page 2-131
present minimum and maximum global clock delays within each device. Minimum and maximum delays
are measured with minimum and maximum loading.
Timing Characteristics
Table 2-204 • A3P250L Global Resource – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, VCC = 1.425 V
Parameter
Description
–1
Std.
Units
Min.1 Max.2 Min.1 Max.2
tRCKL
Input Low Delay for Global Clock
0.82
1.06
0.96
1.25
ns
tRCKH
Input High Delay for Global Clock
0.80
1.09
0.94
1.28
ns
tRCKMPWH
Minimum Pulse Width High for Global Clock
0.75
0.88
ns
tRCKMPWL
Minimum Pulse Width Low for Global Clock
0.85
1.00
ns
tRCKSW
Maximum Skew for Global Clock
0.29
0.34
ns
Notes:
1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential
element, located in a lightly loaded row (single element is connected to the global net).
2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element,
located in a fully loaded row (all available flip-flops are connected to the global net in the row).
3. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating
values.
Table 2-205 • A3P250L Global Resource – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, VCC = 1.14 V
Parameter
Description
–1
Std.
Units
Min.1 Max.2 Min.1 Max.2
tRCKL
Input Low Delay for Global Clock
1.40
1.68
1.64
1.97
ns
tRCKH
Input High Delay for Global Clock
1.38
1.71
1.62
2.01
ns
tRCKMPWH
Minimum Pulse Width High for Global Clock
1.05
1.24
ns
tRCKMPWL
Minimum Pulse Width Low for Global Clock
1.23
1.44
ns
tRCKSW
Maximum Skew for Global Clock
0.33
0.39
ns
Notes:
1. Value reflects minimum load. The delay is measured from the CCC output to the clock pin of a sequential
element, located in a lightly loaded row (single element is connected to the global net).
2. Value reflects maximum load. The delay is measured on the clock pin of the farthest sequential element,
located in a fully loaded row (all available flip-flops are connected to the global net in the row).
3. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com