Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO99PDB2V2 Datasheet(PDF) 148 Page - Microsemi Corporation

Part # IO99PDB2V2
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO99PDB2V2 Datasheet(HTML) 148 Page - Microsemi Corporation

Back Button IO99PDB2V2 Datasheet HTML 144Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 145Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 146Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 147Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 148Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 149Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 150Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 151Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 152Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-132
Revision 13
Clock Conditioning Circuits
CCC Electrical Specifications
Timing Characteristics
Table 2-212 • ProASIC3L CCC/PLL Specification
CCC/PLL Operating at 1.2 V
Parameter
Min.
Typ.
Max.
Units
Clock Conditioning Circuitry Input Frequency fIN_CCC
1.5
250
MHz
Clock Conditioning Circuitry Output Frequency fOUT_CCC
0.75
250
MHz
Delay Increments in Programmable Delay Blocks 1, 2
2703
ps
Number of Programmable Values in Each Programmable Delay Block
32
Serial Clock (SCLK) for Dynamic PLL4
100
MHz
Input Cycle-to-Cycle Jitter (peak magnitude)
1
ns
CCC Output Peak-to-Peak Period Jitter FCCC_OUT
Max Peak-to-Peak Period Jitter
1 Global
Network
Used
External
FB Used
3 Global
Networks
Used
0.75 MHz to 24 MHz
0.50%
0.75%
0.70%
24 MHz to 100 MHz
1.00%
1.50%
1.20%
100 MHz to 250 MHz
2.50%
3.75%
2.75%
Acquisition Time
LockControl = 0
300
µs
LockControl = 1
6.0
ms
Tracking Jitter5
LockControl = 0
2
ns
LockControl = 1
1
ns
Output Duty Cycle
48.5
51.5
%
Delay Range in Block: Programmable Delay 1 1, 2
1.2
15.65
ns
Delay Range in Block: Programmable Delay 2 1, 2
0.025
15.65
ns
Delay Range in Block: Fixed Delay 1, 2
3.1
ns
Notes:
1. This delay is a function of voltage and temperature. See Table 2-6 on page 2-7 for deratings.
2. TJ = 25°C, VCC = 1.2 V
3. When the CCC/PLL core is generated by Microsemi core generator software, not all delay values of the specified delay
increments are available. Refer to the Libero SoC Online Help for more information.
4. Maximum value obtained for a –1 speed grade device in worst-case commercial conditions. For specific junction
temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values.
5. Tracking jitter is defined as the variation in clock edge position of PLL outputs with reference to PLL input clock edge.
Tracking jitter does not measure the variation in PLL output period, which is covered by the period jitter parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com