Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO99PDB2V2 Datasheet(PDF) 162 Page - Microsemi Corporation

Part # IO99PDB2V2
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO99PDB2V2 Datasheet(HTML) 162 Page - Microsemi Corporation

Back Button IO99PDB2V2 Datasheet HTML 158Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 159Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 160Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 161Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 162Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 163Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 164Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 165Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 166Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-146
Revision 13
Timing Characteristics
Table 2-218 • FIFO – Applies to 1.5 V DC Core Voltage
Worst Commercial-Case Conditions: TJ = 70°C, VCC = 1.425 V
Parameter
Description
–1
Std.
Units
tENS
REN, WEN Setup Time
1.40
1.65
ns
tENH
REN, WEN Hold Time
0.02
0.02
ns
tBKS
BLK Setup Time
0.40
0.47
ns
tBKH
BLK Hold Time
0.00
0.00
ns
tDS
Input Data (WD) Setup Time
0.19
0.22
ns
tDH
Input Data (WD) Hold Time
0.00
0.00
ns
tCKQ1
Clock High to New Data Valid on RD (flow-through)
2.40
2.83
ns
tCKQ2
Clock High to New Data Valid on RD (pipelined)
0.91
1.07
ns
tRCKEF
RCLK High to Empty Flag Valid
1.75
2.06
ns
tWCKFF
WCLK High to Full Flag Valid
1.66
1.96
ns
tCKAF
Clock High to Almost Empty/Full Flag Valid
6.31
7.42
ns
tRSTFG
RESET Low to Empty/Full Flag Valid
1.73
2.03
ns
tRSTAF
RESET Low to Almost Empty/Full Flag Valid
6.25
7.35
ns
tRSTBQ
RESET Low to Data Out Low on RD (flow-through)
0.94
1.11
ns
RESET Low to Data Out Low on RD (pipelined)
0.94
1.11
ns
tREMRSTB
RESET Removal
0.29
0.34
ns
tRECRSTB
RESET Recovery
1.53
1.80
ns
tMPWRSTB
RESET Minimum Pulse Width
0.55
0.64
ns
tCYC
Clock Cycle Time
5.10
5.87
ns
FMAX
Maximum Frequency for FIFO
196
170
MHz
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for
derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com