Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO99PDB2V2 Datasheet(PDF) 164 Page - Microsemi Corporation

Part # IO99PDB2V2
Description  ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO99PDB2V2 Datasheet(HTML) 164 Page - Microsemi Corporation

Back Button IO99PDB2V2 Datasheet HTML 160Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 161Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 162Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 163Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 164Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 165Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 166Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 167Page - Microsemi Corporation IO99PDB2V2 Datasheet HTML 168Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 242 page
background image
ProASIC3L DC and Switching Characteristics
2-148
Revision 13
Embedded FlashROM Characteristics
Timing Characteristics
Figure 2-55 • Timing Diagram
A0
A1
tSU
tHOLD
tSU
tHOLD
tSU
tHOLD
tCKQ2
tCKQ2
tCKQ2
CLK
Address
Data
D0
D0
D1
Table 2-220 • Embedded FlashROM Access Time – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–1
Std.
Units
tSU
Address Setup Time
0.54
0.64
ns
tHOLD
Address Hold Time
0.00
0.00
ns
tCK2Q
Clock to Out
16.55
19.46
ns
FMAX
Maximum Clock Frequency
15
15
MHz
Table 2-221 • Embedded FlashROM Access Time– Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V
Parameter
Description
–1
Std.
Units
tSU
Address Setup Time
0.71
0.83
ns
tHOLD
Address Hold Time
0.00
0.00
ns
tCK2Q
Clock to Out
21.64
25.44
ns
FMAX
Maximum Clock Frequency
15
15
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com