Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5687IPZPR Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZPR
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button DAC5687IPZPR Datasheet HTML 45Page - Texas Instruments DAC5687IPZPR Datasheet HTML 46Page - Texas Instruments DAC5687IPZPR Datasheet HTML 47Page - Texas Instruments DAC5687IPZPR Datasheet HTML 48Page - Texas Instruments DAC5687IPZPR Datasheet HTML 49Page - Texas Instruments DAC5687IPZPR Datasheet HTML 50Page - Texas Instruments DAC5687IPZPR Datasheet HTML 51Page - Texas Instruments DAC5687IPZPR Datasheet HTML 52Page - Texas Instruments DAC5687IPZPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
www.ti.com
Coarse Mixer (CMIX) Synchronization
B0169-01
PHSTR
PLLLOCK
MUX
CLK1
CLK1C
{PLLVDD,inv_plllock,dual_clk}
clk_in
Clock
Generator
CLK2
CLK2C
clk_out
FIFO
PHSTRSyncto
CoarseMixer
PLL VCO
clk_cmix
Sequencer
Reset
Q
D
Q
D
Q
D
Q
D
Q
D
Q
D
sync_cm
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
The coarse mixer implements the fDAC/2 and fDAC/4 (and –fDAC/4) fixed complex mixing operation using simple
complements of the data-path signals to create the proper sequences. The sequences are controlled using a
simple counter, and this counter can be synchronously reset using the PHSTR signal.
Similar to the NCO, the PHSTR signal used by the coarse mixer is from the FIFO output. This introduces the
same uncertainty effect due to the FIFO input-to-output pointer relationship. Bypassing the FIFO and using the
dual external clock mode without FIFO eliminates this uncertainty for systems using multiple DAC5687 devices
when this cannot be tolerated. Using the internal PLL, as with the NCO, allows the complete control and
synchronization of the coarse mixer.
Figure 56. Logic Path for PHSTR Synchronization Signal to CMIX Reset
To enable the PHSTR synchronous reset, the serial interface bit sync_cm in register SYNC_CNTL must be set.
The coarse mixer sequence counter is held in reset when PHSTR is low and operates when PHSTR is high.
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com