Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5687IPZPR Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZPR
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZPR Datasheet(HTML) 73 Page - Texas Instruments

Back Button DAC5687IPZPR Datasheet HTML 69Page - Texas Instruments DAC5687IPZPR Datasheet HTML 70Page - Texas Instruments DAC5687IPZPR Datasheet HTML 71Page - Texas Instruments DAC5687IPZPR Datasheet HTML 72Page - Texas Instruments DAC5687IPZPR Datasheet HTML 73Page - Texas Instruments DAC5687IPZPR Datasheet HTML 74Page - Texas Instruments DAC5687IPZPR Datasheet HTML 75Page - Texas Instruments DAC5687IPZPR Datasheet HTML 76Page - Texas Instruments DAC5687IPZPR Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 79 page
background image
www.ti.com
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
Changes from Revision B (June 2005) to Revision C .................................................................................................... Page
• First sentence: Changed "The lower limit" to "upper limit". 3rd sentence: "upper limit" to "lower limit". Last sentence:
"Exceeding the upper limit" to "Exceeding the limits". ........................................................................................................... 6
• Noise Floor Test Conditions: Swapped "CLK1 = 122.88 MHz" and "CLK2 = 491.52 MHz" for all four lines........................ 9
• Input data rate, External or dual-clock modes, minimum changed to 0 Hz........................................................................... 9
• Input data rate, PLL clock mode, minimum changed to 2.5 MHz.......................................................................................... 9
• VCO maximum frequency test condition, "pll_kv = 0" changed to "pll_kv = 1" and vice versa........................................... 10
• VCO minimum frequency test condition, "pll_kv = 0" changed to "pll_kv = 1" and vice versa............................................ 10
• Figure 26 – "16702A Pattern Generator Card" changed to "16720A Pattern Generator Card" .......................................... 18
• Figure 27 – "16702A Pattern Generator Card" changed to "16720A Pattern Generator Card" .......................................... 19
• Figure 45: changed "CLK2" to "CLK1"................................................................................................................................. 42
• Second paragraph of Analog Current Outputs reworded .................................................................................................... 52
• Table 15: "pll_kv = 0" changed to "pll_kv = 1" and vice versa ............................................................................................ 57
• Figure 72 caption – changed "X4 and X4L" to "X8" ............................................................................................................ 61
• Figure 81 – removed one stage of interpolation from DAC block diagram ......................................................................... 70
Changes from Revision A (April 2005) to Revision B .................................................................................................... Page
• Added thermal pad dimensions ............................................................................................................................................. 1
• Reversed "External Clock Mode" and "PLL Clock Mode" in noise floor test......................................................................... 9
• Changed PLLLOCK Output Signal for PLLVDD = 0 to "Normal Operation" in Table 5 ...................................................... 31
• Reversed t
s(DATA) and th(DATA) in Figure 43............................................................................................................................ 41
• Reversed t
s(DATA) and th(DATA) in Figure 44............................................................................................................................ 41
• Reversed t
s(DATA) and th(DATA) in Figure 45............................................................................................................................ 42
• Updated Figure 46 ............................................................................................................................................................... 42
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
73
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com