Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5687IPZPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZPR
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC5687IPZPR Datasheet HTML 2Page - Texas Instruments DAC5687IPZPR Datasheet HTML 3Page - Texas Instruments DAC5687IPZPR Datasheet HTML 4Page - Texas Instruments DAC5687IPZPR Datasheet HTML 5Page - Texas Instruments DAC5687IPZPR Datasheet HTML 6Page - Texas Instruments DAC5687IPZPR Datasheet HTML 7Page - Texas Instruments DAC5687IPZPR Datasheet HTML 8Page - Texas Instruments DAC5687IPZPR Datasheet HTML 9Page - Texas Instruments DAC5687IPZPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (DC SPECIFICATIONS)
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
THERMAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
Thermal Conductivity
100 HTQFP
UNIT
θ
JC
Theta junction-to-case
0.12
°C/W
over recommended operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V, IOVDD = 3.3 V,
DVDD = 1.8 V, IOUTFS = 19.2 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
16
Bits
DC ACCURACY(1)
1 LSB = IOUTFS/2
16
INL
Integral nonlinearity
±4
LSB
TMIN to TMAX
DNL
Differential nonlinearity
±4
LSB
ANALOG OUTPUT
Coarse gain linearity
±0.04
LSB
Worst-case error from ideal linearity
Fine gain linearity
±3
LSB
Offset error
Mid code offset
0.01
%FSR
Without internal reference
1
%FSR
Gain error
With internal reference
0.7
%FSR
With internal reference, dual DAC, and SSB
Gain mismatch
–2
2
%FSR
mode
Minimum full-scale output current(2)
2
mA
Maximum full-scale output current(2)
20
mA
AVDD –
AVDD
Output compliance range(3)
IOUTFS = 20 mA
V
0.5 V
+ 0.5 V
Output resistance
300
k
Output capacitance
5
pF
REFERENCE OUTPUT
Reference voltage
1.14
1.2
1.26
V
Reference output current(4)
100
nA
REFERENCE INPUT
VEXTIO
Input voltage range
0.1
1.25
V
Input resistance
1
M
Small signal bandwidth
1.4
MHz
Input capacitance
100
pF
TEMPERATURE COEFFICIENTS
ppm of
Offset drift
±1
FSR/
°C
Without internal reference
±15
ppm of
Gain drift
FSR/
°C
With internal reference
±30
ppm of
Reference voltage drift
±8
FSR/
°C
(1)
Measured differential across IOUTA1 and IOUTA2 or IOUTB1 and IOUTB2 with 25
Ω each to AVDD.
(2)
Nominal full-scale current, IOUTFS , equals 32× the IBIAS current.
(3)
The upper limit of the output compliance is determined by the CMOS process. Exceeding this limit may result in transistor breakdown,
resulting in reduced reliability of the DAC5687 device. The lower limit of the output compliance is determined by the load resistors and
full-scale output current. Exceeding the limits adversely affects distortion performance and integral nonlinearity.
(4)
Use an external buffer amplifier with high impedance input to drive any external load.
6
Submit Documentation Feedback
Copyright © 2005–2006, Texas Instruments Incorporated
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com