Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5687IPZPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZPR
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC5687IPZPR Datasheet HTML 3Page - Texas Instruments DAC5687IPZPR Datasheet HTML 4Page - Texas Instruments DAC5687IPZPR Datasheet HTML 5Page - Texas Instruments DAC5687IPZPR Datasheet HTML 6Page - Texas Instruments DAC5687IPZPR Datasheet HTML 7Page - Texas Instruments DAC5687IPZPR Datasheet HTML 8Page - Texas Instruments DAC5687IPZPR Datasheet HTML 9Page - Texas Instruments DAC5687IPZPR Datasheet HTML 10Page - Texas Instruments DAC5687IPZPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
www.ti.com
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
ELECTRICAL CHARACTERISTICS (DC SPECIFICATIONS) (continued)
over recommended operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 3.3 V, IOVDD = 3.3 V,
DVDD = 1.8 V, IOUTFS = 19.2 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
AVDD
Analog supply voltage
3
3.3
3.6
V
DVDD
Digital supply voltage
1.71
1.8
2.15
V
CLKVDD
Clock supply voltage
3
3.3
3.6
V
IOVDD
I/O supply voltage
1.71
3.6
V
PLLVDD
PLL supply voltage
3
3.3
3.6
V
Mode 5(5)
41
IAVDD
Analog supply current
mA
Mode 6(5)
80
IDVDD
Digital supply current(5)
Mode 6(5)
587
mA
ICLKVDD
Clock supply current(5)
Mode 6(5)
5
mA
IPLLVDD
PLL supply current(5)
Mode 6(5)
20
mA
IIOVDD
IO supply current(5)
Mode 6(5)
2
mA
Sleep mode (SLEEP pin high), CLK2 = 500
IAVDD
Sleep mode AVDD supply current
1
mA
MHz
Sleep mode (SLEEP pin high), CLK2 = 500
IDVDD
Sleep mode DVDD supply current
2
mA
MHz
Sleep mode CLKVDD supply
Sleep mode (SLEEP pin high), CLK2 = 500
ICLKVDD
0.25
mA
current
MHz
Sleep mode (SLEEP pin high), CLK2 = 500
IPLLVDD
Sleep mode PLLVDD supply current
0.6
mA
MHz
Sleep mode (SLEEP pin high), CLK2 = 500
IIOVDD
Sleep mode IOVDD supply current
0.6
mA
MHz
Mode 1(5) AVDD = 3.3 V, DVDD = 1.8 V
750
Mode 2(5) AVDD = 3.3 V, DVDD = 1.8 V
910
Mode 3(5) AVDD = 3.3 V, DVDD = 1.8 V
760
Mode 4(5) AVDD = 3.3 V, DVDD = 1.8 V
1250
PD
Power dissipation
mW
Mode 5(5) AVDD = 3.3 V, DVDD = 1.8 V
1250
Mode 6(5) AVDD = 3.3 V, DVDD = 1.8 V
1410
Mode 7(5) AVDD = 3.3 V, DVDD = 1.8 V
1400
1750
Sleep mode (SLEEP pin high), CLK2 = 500
11
20
MHz
APSRR
–0.2
0.2
%FSR/V
Power supply rejection ratio
DPSRR
–0.2
0.2
%FSR/V
(5)
MODE 1 – MODE 7:
a. Mode 1: X2, PLL off, CLK2 = 320 MHz, DACA and DACB on, IF = 5 MHz
b. Mode 2: X4 QMC, PLL on, CLK1 = 125 MHz, DACA and DACB on, IF = 5 MHz
c. Mode 3: X4 CMIX, PLL off, CLK2 = 500 MHz, DACA off and DACB on, IF = 150 MHz
d. Mode 4: X4L FMIX CMIX, PLL off, CLK2 = 500 MHz, DACA off and DACB on, IF = 150 MHz
e. Mode 5: X4L FMIX CMIX, PLL on, CLK1 = 125 MHz, DACA off and DACB on, IF = 150 MHz
f. Mode 6: X4L FMIX CMIX, PLL on, CLK1 = 125 MHz, DACA on and DACB on, IF = 150 MHz
g. Mode 7: X8 FMIX CMIX, PLL on, CLK1 = 62.5 MHz, DACA and DACB on, IF = 150 MHz
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com