Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5687IPZPR Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5687IPZPR
Description  16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5687IPZPR Datasheet(HTML) 53 Page - Texas Instruments

Back Button DAC5687IPZPR Datasheet HTML 49Page - Texas Instruments DAC5687IPZPR Datasheet HTML 50Page - Texas Instruments DAC5687IPZPR Datasheet HTML 51Page - Texas Instruments DAC5687IPZPR Datasheet HTML 52Page - Texas Instruments DAC5687IPZPR Datasheet HTML 53Page - Texas Instruments DAC5687IPZPR Datasheet HTML 54Page - Texas Instruments DAC5687IPZPR Datasheet HTML 55Page - Texas Instruments DAC5687IPZPR Datasheet HTML 56Page - Texas Instruments DAC5687IPZPR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
www.ti.com
IOUT1
IOUT2
S(1)
S(1)C
RLOAD
RLOAD
S(2)
S(2)C
S(N)
S(N)C
AVDD
S0032-01
IOUT1
1:1
IOUT2
50
Ω
50
Ω
RLOAD
50
Ω
100
Ω
AVDD (3.3 V)
AVDD (3.3 V)
S0033-01
DAC5687
SLWS164E – FEBRUARY 2005 – REVISED SEPTEMBER 2006
Figure 59. Equivalent Analog Current Output
The DAC5687 can be easily configured to drive a doubly terminated 50-
Ω cable using a properly selected RF
transformer. Figure 60 and Figure 61 show the 50-
Ω doubly terminated transformer configuration with 1:1 and
4:1 impedance ratio, respectively. Note that the center tap of the primary input of the transformer must be
connected to AVDD to enable a dc current flow. Applying a 20-mA full-scale output current would lead to a
0.5-VPP output for a 1:1 transformer and a 1-VPP output for a 4:1 transformer. The low dc impedance between the
IOUT1 or IOUT2 and the transformer center tap sets the center of the ac signal at AVDD, so the 1-VPP output for
the 4:1 transformer results in an output between AVDD + 0.5 V and AVDD – 0.5 V.
Figure 60. Driving a Doubly Terminated 50-
Ω Cable Using a 1:1 Impedance Ratio Transformer
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Link(s): DAC5687



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com