Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1508AS Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATF1508AS
Description  High Performance E2 PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508AS Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATF1508AS Datasheet HTML 5Page - ATMEL Corporation ATF1508AS Datasheet HTML 6Page - ATMEL Corporation ATF1508AS Datasheet HTML 7Page - ATMEL Corporation ATF1508AS Datasheet HTML 8Page - ATMEL Corporation ATF1508AS Datasheet HTML 9Page - ATMEL Corporation ATF1508AS Datasheet HTML 10Page - ATMEL Corporation ATF1508AS Datasheet HTML 11Page - ATMEL Corporation ATF1508AS Datasheet HTML 12Page - ATMEL Corporation ATF1508AS Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ATF1508AS/Z
9
Absolute Maximum Ratings*
Temperature Under Bias .................................. -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1.
Minimum voltage is -0.6V dc, which may under-
shoot to -2.0V for pulses of less than 20 ns. Max-
imum output pin voltage is V
CC + 0.75V dc, which
may overshoot to 7.0V for pulses of less than 20
ns.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V(1)
Voltage on Input Pins
with Respect to Ground
During Programming.....................................-2.0V to +14.0V(1)
Programming Voltage with
Respect to Ground .......................................-2.0V to +14.0V(1)
AC Characteristics
Symbol
Parameter
-7
-10
-15
-20
-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
t
PD1
Input or Feedback to
Non-Registered Output
7.5
10
3
15
20
25
ns
t
PD2
I/O Input or Feedback to
Non-Registered Feedback
79
3
12
16
20
ns
t
SU
Global Clock Setup Time
7
7
11
16
20
ns
t
H
Global Clock Hold Time
0
0
0
0
0
ns
t
FSU
Global Clock Setup Time of
Fast Input
3
3
333
ns
t
FH
Global Clock Hold Time of
Fast Input
0.5
0.5
1.0
1.5
2
MHz
t
COP
Global Clock to Output Delay
4.5
5
8
10
13
ns
t
CH
Global Clock High Time
3
4
5
6
7
ns
t
CL
Global Clock Low Time
3
4
5
6
7
ns
t
ASU
Array Clock Setup Time
3
3
4
4
5
ns
t
AH
Array Clock Hold Time
2.5
3
4
5
6
ns
t
ACOP
Array Clock Output Delay
7.5
10
15
20
25
ns
t
ACH
Array Clock High Time
3
4
6
8
10
ns
t
ACL
Array Clock Low Time
3
4
6
8
10
ns
t
CNT
Minimum Clock Global Period
8
10
13
17
22
ns
f
CNT
Maximum Internal Global
Clock Frequency
125
100
76.9
66
50
MHz
t
ACNT
Minimum Array Clock Period
8
10
13
17
22
ns
f
ACNT
Maximum Internal Array
Clock Frequency
125
100
76.9
66
50
MHz
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com