Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1508AS Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATF1508AS
Description  High Performance E2 PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508AS Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATF1508AS Datasheet HTML 13Page - ATMEL Corporation ATF1508AS Datasheet HTML 14Page - ATMEL Corporation ATF1508AS Datasheet HTML 15Page - ATMEL Corporation ATF1508AS Datasheet HTML 16Page - ATMEL Corporation ATF1508AS Datasheet HTML 17Page - ATMEL Corporation ATF1508AS Datasheet HTML 18Page - ATMEL Corporation ATF1508AS Datasheet HTML 19Page - ATMEL Corporation ATF1508AS Datasheet HTML 20Page - ATMEL Corporation ATF1508AS Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ATF1508AS/Z
17
OE (1, 2)
Global OE Pins
GCLR
Global Clear Pin
GCLK (1, 2, 3)
Global Clock Pins
PD (1, 2)
Power down pins
TDI, TMS, TCK, TDO
JTAG pins used for Boundary Scan Testing or In-System Programming
GND
Ground Pins
VCCINT
V
CC pins for the device (+5V - Internal)
VCCIO
V
CC pins for output drivers (for I/O pins) (+5V or 3.3V - I/Os)
ATF1508AS Dedicated Pinouts
Dedicated Pin
84-Pin
J-Lead
100-Pin PQFP
100-Pin TQFP
160-Pin PQFP
INPUT/OE2/GCLK2
2
92
90
142
INPUT/GCLR
1
91
89
141
INPUT/OE1
84
90
88
140
INPUT/GCLK1
83
89
87
139
I/O /GCLK3
81
87
85
137
I/O / PD (1, 2)
12,45
3,43
1,41
63,159
I/O / TDI(JTAG)
14
6
4
9
I/O / TMS(JTAG)
23
17
15
22
I/O / TCK(JTAG)
62
64
62
99
I/O / TDO(JTAG)
71
75
73
112
GND
7,19,32,42,
47,59,72,82
13,28,40,45,
61,76,88,97
11,26,38,43,
59,74,86,95
17,42,60,66,95,
113,138,148
VCCINT
3,43
41,93
39,91
61,143
VCCIO
13,26,38,
53,66,78
5,20,36,53,68,84
3,18,34,51,66,82
8,26,55,79,104,133
N/C
-
-
-
1,2,3,4,5,6,7,34,35,36,
37,38,39,40,44,45,46,
47,74,75,76,77,81,82,
83,84,85,86,87,114,
115,116,117,118,119,
120,124,125,126,127,
154,155,156,157
# of SIGNAL PINS
68
84
84
100
# USER I/O PINS
64
80
80
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com