Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1508AS Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF1508AS
Description  High Performance E2 PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508AS Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF1508AS Datasheet HTML 2Page - ATMEL Corporation ATF1508AS Datasheet HTML 3Page - ATMEL Corporation ATF1508AS Datasheet HTML 4Page - ATMEL Corporation ATF1508AS Datasheet HTML 5Page - ATMEL Corporation ATF1508AS Datasheet HTML 6Page - ATMEL Corporation ATF1508AS Datasheet HTML 7Page - ATMEL Corporation ATF1508AS Datasheet HTML 8Page - ATMEL Corporation ATF1508AS Datasheet HTML 9Page - ATMEL Corporation ATF1508AS Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ATF1508AS/Z
6
Figure 1. ATF1508AS Macrocell
Programmable Pin-Keeper Option
for Inputs and I/Os
The ATF1508AS offers the option of programming all input
and I/O pins so that “pin keeper” circuits can be utilized.
When any pin is driven high or low and then subsequently
left floating, it will stay at that previous high or low level.
This circuitry prevents unused input and I/O lines from
floating to intermediate voltage levels, which cause unnec-
essary power consumption and system noise. The keeper
circuits eliminate the need for external pull-up resistors and
eliminate their DC power consumption.
Input Diagram
Speed/Power Management
The ATF1508AS has several built-in speed and power
management features. The ATF1508AS contains circuitry
that automatically puts the device into a low power stand-
by mode when no logic transitions are occurring. This not
only reduces power consumption during inactive periods,
but also provides a proportional power savings for most
applications running at system speeds below 5 - 10 MHz.
To further reduce power, each ATF1508AS macrocell has
a Reduced Power bit feature. This feature allows individual
macrocells to be configured for maximum power savings.
This feature may be selected as a design option.
I/O Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com