Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1508AS Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATF1508AS
Description  High Performance E2 PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508AS Datasheet(HTML) 4 Page - ATMEL Corporation

  ATF1508AS Datasheet HTML 1Page - ATMEL Corporation ATF1508AS Datasheet HTML 2Page - ATMEL Corporation ATF1508AS Datasheet HTML 3Page - ATMEL Corporation ATF1508AS Datasheet HTML 4Page - ATMEL Corporation ATF1508AS Datasheet HTML 5Page - ATMEL Corporation ATF1508AS Datasheet HTML 6Page - ATMEL Corporation ATF1508AS Datasheet HTML 7Page - ATMEL Corporation ATF1508AS Datasheet HTML 8Page - ATMEL Corporation ATF1508AS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ATF1508AS/Z
4
Description
The ATF1508AS is a high performance, high density Com-
plex Programmable Logic Device (CPLD) which utilizes
Atmel’s proven electrically erasable Flash memory technol-
ogy. With 128 logic macrocells and up to 100 inputs, it eas-
ily integrates logic from several TTL, SSI, MSI, LSI and
classic PLDs. The ATF1508AS’s enhanced routing switch
matrices increase usable gate count, and increase odds of
successful pin-locked design modifications.
The ATF1508AS has up to 96 bi-directional I/O pins and 4
dedicated input pins, depending on the type of device pack-
age selected. Each dedicated pin can also serve as a glo-
bal control signal; register clock, register reset or output
enable. Each of these control signals can be selected for
use individually within each macrocell.
Each of the 128 macrocells generates a buried feedback,
which goes to the global bus. Each input and I/O pin also
feeds into the global bus. The switch matrix in each logic
block then selects 40 individual signals from the global bus.
Each macrocell also generates a foldback logic term, which
goes to a regional bus. Cascade logic between macrocells
in the ATF1508AS allows fast, efficient generation of com-
plex logic functions. The ATF1508AS contains eight such
logic chains, each capable of creating sum term logic with a
fan in of up to 40 product terms
The ATF1508AS macrocell, shown in Figure 1, is flexible
enough to support highly complex logic functions operating
at high speed. The macrocell consists of five sections:
product terms and product term select multiplexer;
OR/XOR/CASCADE logic; a flip-flop; output select and
enable; and logic array inputs.
Unused Macrocells are automatically disabled by the com-
piler to decrease power consumption. A Security Fuse,
w hen p r o g r amme d, pr o t ects t he co nten ts of the
ATF1508AS. Two bytes (16 bits) of User Signature are
accessible to the user for purposes such as storing project
name, part number, revision or date. The User Signature is
accessible regardless of the state of the Security Fuse.
The ATF1508AS device is an In-System Programmable
(ISP) device. It uses the industry standard 4-pin JTAG
interface (IEEE Std. 1149.1), and is fully compliant with
JTAG’s Boundary Scan Description Language (BSDL). ISP
allows the device to be programmed without removing it
from the printed circuit board. In addition to simplifying the
manufacturing flow, ISP also allows design modifications to
be made in the field via software.
Product Terms and Select MUX
Each ATF1508AS macrocell has five product terms. Each
product term receives as its inputs all signals from both the
global bus and regional bus.
The product term select multiplexer (PTMUX) allocates the
five product terms as needed to the macrocell logic gates
and control signals. The PTMUX programming is deter-
mined by the design compiler, which selects the optimum
macrocell configuration.
OR/XOR/CASCADE Logic
The ATF1508AS’s logic structure is designed to efficiently
support all types of logic. Within a single macrocell, all the
product terms can be routed to the OR gate, creating a 5-
input AND/OR sum term. With the addition of the CASIN
from neighboring macrocells, this can be expanded to as
many as 40 product terms with a very small additional
delay.
The macrocell’s XOR gate allows efficient implementation
of compare and arithmetic functions. One input to the XOR
comes from the OR sum term. The other XOR input can be
a product term or a fixed high or low level. For combinato-
rial outputs, the fixed level input allows polarity selection.
For registered functions, the fixed levels allow DeMorgan
minimization of product terms. The XOR gate is also used
to emulate T- and JK-type flip-flops.
Flip Flop
The ATF1508AS’s flip flop has very flexible data and con-
trol functions. The data input can come from either the
XOR gate, from a separate product term or directly from
the I/O pin. Selecting the separate product term allows cre-
ation of a buried registered feedback within a combinatorial
output macrocell. (This feature is automatically imple-
mented by the fitter software). In addition to D, T, JK and
SR operation, the flip flop can also be configured as a flow-
through latch. In this mode, data passes through when the
clock is high and is latched when the clock is low.
The clock itself can either be the Global CLK Signal (GCK)
or an individual product term. The flip flop changes state on
the clock's rising edge. When the GCK signal is used as
the clock, one of the macrocell product terms can be
selected as a clock enable. When the clock enable function
is active and the enable signal (product term) is low, all
clock edges are ignored. The flip flop’s asynchronous reset
signal (AR) can be either the Global Clear (GCLEAR), a
product term, or always off. AR can also be a logic OR of
GCLEAR with a product term. The asynchronous preset
(AP) can be a product term or always off.
Output Select and Enable
The ATF1508AS macrocell output can be selected as reg-
istered or combinatorial. The buried feedback signal can be
either combinatorial or registered signal regardless of
whether the output is combinatorial or registered.
The output enable multiplexer (MOE) controls the output
enable signals. Any buffer can be permanently enabled for
simple output operation. Buffers can also be permanently
disabled to allow use of the pin as an input. In this configu-
ration all the macrocell resources are still available, includ-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com