Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW3P Datasheet(PDF) 3 Page - Amphenol Corporation

Part # AW3P
Description  AT Series??Specifications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AW3P Datasheet(HTML) 3 Page - Amphenol Corporation

  AW3P Datasheet HTML 1Page - Amphenol Corporation AW3P Datasheet HTML 2Page - Amphenol Corporation AW3P Datasheet HTML 3Page - Amphenol Corporation AW3P Datasheet HTML 4Page - Amphenol Corporation AW3P Datasheet HTML 5Page - Amphenol Corporation AW3P Datasheet HTML 6Page - Amphenol Corporation AW3P Datasheet HTML 7Page - Amphenol Corporation AW3P Datasheet HTML 8Page - Amphenol Corporation AW3P Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1
www.sineco.com
Amphenol Sine Systems AT Series™ connectors were designed as a high-performance, cost-
effective solution to be used within the Heavy Equipment, Agricultural, Automotive, Military,
Alternative Energy and other demanding interconnect architectures. The AT Series™
connectors contain superior environmental seals, seal retention capabilities and feature
Amphenol Sine Systems RockSolid™ Contact technology. In addition, all of our AT Series™
connectors have been developed to be completely compatible with all other existing
standard products industry-wide.
• Longer contact life
• Lower contact resistence
• Immunity to shock and vibration
• Low insertion and extraction forces
• Contact area extends 360° around pins
Hyperbolic Contacts
WEDGE (Required) with Added Seal Retention
The added seal retention feature ensures
that the Front Seal does not move out of
place.
FRONT SEAL
The superior design ensures a tight
environmental seal when used
in conjunction with the recessed
cavity of the connector body.
RECESSED SEALING AREA
The recessed cavity allows
for a secure fitting
front seal.
ERGONOMICALLY DESIGNED CLIP
The increased size and tactile design
of our clips allow for easier mating
and unmating.
SEALING PLUGS
- Optional
END CAP
- Optional
STANDARD REAR SEAL
- Also available in Reduced Diameter
or Solid
HYPERBOLIC CONTACTS
- Optional
What Are AT Series™ Connectors?
AT Series
Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com