Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW3P Datasheet(PDF) 6 Page - Amphenol Corporation

Part # AW3P
Description  AT Series??Specifications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AW3P Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button AW3P Datasheet HTML 2Page - Amphenol Corporation AW3P Datasheet HTML 3Page - Amphenol Corporation AW3P Datasheet HTML 4Page - Amphenol Corporation AW3P Datasheet HTML 5Page - Amphenol Corporation AW3P Datasheet HTML 6Page - Amphenol Corporation AW3P Datasheet HTML 7Page - Amphenol Corporation AW3P Datasheet HTML 8Page - Amphenol Corporation AW3P Datasheet HTML 9Page - Amphenol Corporation AW3P Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
4
www.sineco.com
AT Series™ Receptacles, Plugs and Wedges - 8 (A-D) Position
Note: The views shown below are Mating Face Views
AT06-12SA
AT04-12PA
AT06-12SB
AT04-12PB
AT06-12SC
AT04-12PC
AT06-12SD
AT04-12PD
AT04-08PA
AT06-08SA
AT04-08PB
AT06-08SB
AT04-08PC
AT06-08SC
AT04-08PD
AT06-08SD
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
AT06-12SX2
1
AT16-18SB-K004
1
1
AT06-12SX1
1
AT06-12SA
AT04-12PA
AT06-12SB
AT04-12PB
AT06-12SC
AT04-12PC
AT06-12SD
AT04-12PD
AT04-08PA
AT06-08SA
AT04-08PB
AT06-08SB
AT04-08PC
AT06-08SC
AT04-08PD
AT06-08SD
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
AT06-12SX2
1
AT16-18SB-K004
1
1
AT06-12SX1
1
AT06-12SA
AT04-12PA
AT06-12SB
AT04-12PB
AT06-12SC
AT04-12PC
AT06-12SD
AT04-12PD
AT04-08PA
AT06-08SA
AT04-08PB
AT06-08SB
AT04-08PC
AT06-08SC
AT04-08PD
AT06-08SD
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
AT06-12SX2
1
AT16-18SB-K004
1
1
AT06-12SX1
1
AT06-12SA
AT04-12PA
AT06-12SB
AT04-12PB
AT06-12SC
AT04-12PC
AT06-12SD
AT04-12PD
AT04-08PA
AT06-08SA
AT04-08PB
AT06-08SB
AT04-08PC
AT06-08SC
AT04-08PD
AT06-08SD
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
AT06-12SX2
1
AT16-18SB-K004
1
1
AT06-12SX1
1
AT06-12SA
AT04-12PA
AT06-12SB
AT04-12PB
AT06-12SC
AT04-12PC
AT06-12SD
AT04-12PD
AT04-08PA
AT06-08SA
AT04-08PB
AT06-08SB
AT04-08PC
AT06-08SC
AT04-08PD
AT06-08SD
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
AT06-12SX2
1
AT16-18SB-K004
1
1
AT06-12SX1
1
AT06-12SA
AT04-12PA
AT06-12SB
AT04-12PB
AT06-12SC
AT04-12PC
AT06-12SD
AT04-12PD
AT04-08PA
AT06-08SA
AT04-08PB
AT06-08SB
AT04-08PC
AT06-08SC
AT04-08PD
AT06-08SD
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
AT06-12SX2
1
AT16-18SB-K004
1
1
AT06-12SX1
1
AT06-12SA
AT04-12PA
AT06-12SB
AT04-12PB
AT06-12SC
AT04-12PC
AT06-12SD
AT04-12PD
AT04-08PA
AT06-08SA
AT04-08PB
AT06-08SB
AT04-08PC
AT06-08SC
AT04-08PD
AT06-08SD
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
AT06-12SX2
1
AT16-18SB-K004
1
1
AT06-12SX1
1
AT06-12SA
AT04-12PA
AT06-12SB
AT04-12PB
AT06-12SC
AT04-12PC
AT06-12SD
AT04-12PD
AT04-08PA
AT06-08SA
AT04-08PB
AT06-08SB
AT04-08PC
AT06-08SC
AT04-08PD
AT06-08SD
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
AT06-12SX2
1
AT16-18SB-K004
1
1
AT06-12SX1
1
Receptacles
Wedges
Plugs
Wedges
P/N: AT04-08PA
P/N: AW8P
P/N: AT06-08SA
P/N: AW8S
P/N: AT04-08PB
P/N: AW8P
P/N: AT06-08SB
P/N: AW8S
P/N: AT04-08PC
P/N: AW8P
P/N: AT06-08SC
P/N: AW8S
P/N: AT04-08PD
P/N: AW8P
P/N: AT06-08SD
P/N: AW8S
Amphenol
06 - Plug
04 - Recep.
# of
Positions
2, 3, 4, 6
08 or 12
S - Socket
P - Pin
Key Position
A, B, C, D
X1, X2
Modifications
MMXX - Mixed Modification (Consult Sales Rep.)
RD01 - Reduced Diameter Seal
EC01 - End Cap
SS01 - Solid Seal with End Cap
AT Series™ Part Numbering Sequence
(excluding 18 Position Connector)
AT
06
-
12
S
A
-
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com