Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW3P Datasheet(PDF) 12 Page - Amphenol Corporation

Part # AW3P
Description  AT Series??Specifications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AW3P Datasheet(HTML) 12 Page - Amphenol Corporation

Back Button AW3P Datasheet HTML 8Page - Amphenol Corporation AW3P Datasheet HTML 9Page - Amphenol Corporation AW3P Datasheet HTML 10Page - Amphenol Corporation AW3P Datasheet HTML 11Page - Amphenol Corporation AW3P Datasheet HTML 12Page - Amphenol Corporation AW3P Datasheet HTML 13Page - Amphenol Corporation AW3P Datasheet HTML 14Page - Amphenol Corporation AW3P Datasheet HTML 15Page - Amphenol Corporation AW3P Datasheet HTML 16Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
10
www.sineco.com
Pneumatic Crimp Tool
P/N: CA-5E12
Military-Style Solid Crimp
A
D
B C
PIN CONTACT
A
D
B C
SOCKET CONTACT
A
D
B C
PIN CONTACT
A
D
B C
SOCKET CONTACT
Part Numbers
(Fits AT Series™ and AHD Series™ )
Size/
Type
A
Max
B
Min
C
Max
D
Min
Wire Gauge
Range
Recomm’d
Strip Length
AT60-202-1631 (Gold)
AT60-202-16141 (Nickel)
16 PIN
.821
.066
.103
.250
16 and 18
.250-.312
AT62-201-1631 (Gold)
AT62-201-16141 (Nickel)
16 SOC
.759
.066
.103
.250
16 and 18
.250-.312
Part Numbers
(Fits AHD Series™ only)
Size/
Type
A
Max
B
Min
C
Max
D
Min
Wire Gauge
Range
Recomm’d
Strip Length
AT60-220-1231 (Gold)
12 PIN
.821
.098
.151
.250
12 and 14
.250-.312
AT62-210-1231 (Gold)
12 SOC
.759
.098
.151
.250
12 and 14
.250-.312
DiagnosticGrade™ - Solid Crimp
PIN CONTACT
A
D
B C
B C
A
D
SOCKET CONTACT
PIN CONTACT
A
D
B C
B C
A
D
SOCKET CONTACT
Part Numbers
(Fits AT Series™ and AHD Series™ )
Size/
Type
A
Max
B
Min
C
Max
D
Min
Wire Gauge
Range
Recomm’d
Strip Length
65-54756 (Gold)
16 PIN
.826
.047
.078
.165
20
.250-.303
65-54757 (Gold)
16 SOC
.763
.047
.078
.165
20
.250-.303
Part Numbers
(Fits AHD Series™ only)
Size/
Type
A
Max
B
Min
C
Max
D
Min
Wire Gauge
Range
Recomm’d
Strip Length
65-54749 (Gold)
12 PIN
.826
.047
.078
.165
20
.250-.303
65-54748 (Gold)
12 SOC
.763
.047
.078
.165
20
.250-.303
Universal Hand Crimp Tool
P/N: CA-5D12
Pin Contacts, Socket Contacts and Tooling
The AHD Series™ products listed below provide a quick connection between Amphenol Sine Systems 6 Pin products and equivalent
industry 6 Pin products. Note: All dimensions are in Inches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com