Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW3P Datasheet(PDF) 5 Page - Amphenol Corporation

Part # AW3P
Description  AT Series??Specifications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AW3P Datasheet(HTML) 5 Page - Amphenol Corporation

  AW3P Datasheet HTML 1Page - Amphenol Corporation AW3P Datasheet HTML 2Page - Amphenol Corporation AW3P Datasheet HTML 3Page - Amphenol Corporation AW3P Datasheet HTML 4Page - Amphenol Corporation AW3P Datasheet HTML 5Page - Amphenol Corporation AW3P Datasheet HTML 6Page - Amphenol Corporation AW3P Datasheet HTML 7Page - Amphenol Corporation AW3P Datasheet HTML 8Page - Amphenol Corporation AW3P Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
3
www.sineco.com
AT Series™ Part Numbering Sequence
(excluding 18 Position Connector)
AT
06
-
12
S
A
-
XXXX
Amphenol
06 - Plug
04 - Recep.
# of
Positions
2, 3, 4, 6
08 or 12
S - Socket
P - Pin
Key Position
A, B, C, D
X1, X2
Modifications
MMXX - Mixed Modification (Consult Sales Rep.)
RD01 - Reduced Diameter Seal
EC01 - End Cap
SS01 - Solid Seal with End Cap
Receptacles
Wedges
Plugs
Wedges
P/N: AT04-2P
P/N: AW2P
P/N: AT06-2S
P/N: AW2S
P/N: AT04-3P
P/N: AW3P
P/N: AT06-3S
P/N: AW3S
P/N: AT04-4P
P/N: AW4P
P/N: AT06-4S
P/N: AW4S
P/N: AT04-6P
P/N: AW6P
P/N: AT06-6S
P/N: AW6S
1
A
A
1
1
1
1
1
AT Series™ Receptacles, Plugs And Wedges - 2, 3, 4 and 6 Position
Note: the views shown below are mating face views
AT Series
Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com