Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW3P Datasheet(PDF) 9 Page - Amphenol Corporation

Part # AW3P
Description  AT Series??Specifications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AW3P Datasheet(HTML) 9 Page - Amphenol Corporation

Back Button AW3P Datasheet HTML 5Page - Amphenol Corporation AW3P Datasheet HTML 6Page - Amphenol Corporation AW3P Datasheet HTML 7Page - Amphenol Corporation AW3P Datasheet HTML 8Page - Amphenol Corporation AW3P Datasheet HTML 9Page - Amphenol Corporation AW3P Datasheet HTML 10Page - Amphenol Corporation AW3P Datasheet HTML 11Page - Amphenol Corporation AW3P Datasheet HTML 12Page - Amphenol Corporation AW3P Datasheet HTML 13Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
7
www.sineco.com
What are AHD Series™ Connectors?
Amphenol Sine Systems AHD Series™ Connectors were developed in response to the overwhelming need for an
economic alternative to today’s existing diagnostic product options. Designed specifically as a cost-conscious,
reliable alternative, intermateable to industry standard 6 and 9 pin connectors, the AHD Series™ is ideal for any
situation where either controlled and/or uncontrolled environmental conditions exist.
Amphenol Sine Systems AHD Series™ Connectors offer both a smooth, non-sealing option for controlled
applications, as well as an environmentally-sealed, threaded option for more demanding applications. The
same applies for our DiagnosticGrade™ Cable Assemblies in that we provide both options for our customers.
Features and Advantages
INTEGRATED ALIGNMENT KEYS
Tactile verification for blind mating
STRONG THERMOPLASTIC HOUSING
Extended service life
OPERATING TEMPERATURE RANGE
-55°C TO +125°C - Wide range compatibility
ECONOMICALLY SOUND
Low overall cost
RoHS COMPLIANT
Environmentally friendly
UL Approval
Certified and compliant
Performance Criteria
CONTACT CURRENT RATING
DiagnosticGrade™ / Military Style: At +125°C, continuous, less thru wire: #12 contact = 25 amps
max. current; #16 contact = 13 amps max. current
PHYSICAL SHOCK
Military Style: No locking, unmating or other unsatisfactory result after 50 g’s in each of three
mutually perpendicular planes.
DIELECTRICAL STRENGTH
DiagnosticGrade™ / Military Style: 1500 volts minimum
VIBRATION
Military Style: Maintains continuity and exhibits no mechanical or physical damage after vibration.
(20 g’s at 10-2000 Hz)
TEMPERATURE
DiagnosticGrade™ / Military Style: Operating temperature range: -55°C TO +125°C at rated
current.
INSULATION RESISTANCE
DiagnosticGrade™ / Military Style: 1000 megohms minimum at 25°C.
DURABILITY
DiagnosticGrade™ / Military Style: No electric or mechanical defects after 100 cycles of en-
gagement
and disengagement.
CORROSION RESISTANCE
DiagnosticGrade™ / Military Style: Connectors show no evidence of corrosion after exposure
to 48 hours of salt spray per MIL-STD 1344 method 1001.
Product Material
HOUSINGS
Thermoplastic
SEALS
Silicone Elastomer
CONTACTS
Copper Alloy/Gold plated
AHD Series
Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com