Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4524MDBTREP Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4524MDBTREP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4524MDBTREP Datasheet(HTML) 2 Page - National Semiconductor (TI)

  THS4524MDBTREP Datasheet HTML 1Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 2Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 3Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 4Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 5Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 6Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 7Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 8Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
THS4524-EP
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
www.ti.com
This fully differential op amp features accurate output common-mode control that allows for dc-coupling when
driving analog-to-digital converters (ADCs). This control, coupled with an input common-mode range below the
negative rail as well as rail-to-rail output, allows for easy interfacing between single-ended, ground-referenced
signal sources. Additionally, the THS4524 is ideally suited for driving both successive-approximation register
(SAR) and delta-sigma (
ΔΣ) ADCs using only a single +2.5-V to +5-V and ground power supply.
The THS4524 fully differential op amp is characterized for operation over the full industrial temperature range
from –55°C to 125°C.
RELATED
PRODUCTS
THD (dBc)
DEVICE
BW (MHz)
IQ (mA)
at 100 kHz
VN (nV/√Hz)
RAIL-TO-RAIL
THS4520
570
15.3
–114
2
Out
THS4121
100
16
–79
5.4
In/Out
THS4130
150
16
–107
1.3
No
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com