Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4524MDBTREP Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4524MDBTREP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4524MDBTREP Datasheet(HTML) 5 Page - National Semiconductor (TI)

  THS4524MDBTREP Datasheet HTML 1Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 2Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 3Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 4Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 5Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 6Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 7Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 8Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
THS4524-EP
www.ti.com
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
ELECTRICAL CHARACTERISTICS: VS+ – VS– = 3.3 V (continued)
At VS+ = +3.3 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP (differential), RL = 1 kΩ differential, G = 1 V/V, single-ended input,
differential output, and input and output referenced to midsupply, unless otherwise noted.
TA = -55°C to 125°C
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
Two-tone, f1 = 2 MHz, f2 = 2.2 MHz,
Third-Order Intermodulation Distortion
–90
dBc
C
VOUT = 2-VPP envelope
Input Voltage Noise
f > 10 kHz
4.6
nV/
√Hz
C
Input Current Noise
f > 100 kHz
0.6
pA/
√Hz
C
Overdrive Recovery Time
Overdrive = ±0.5 V
80
ns
C
Output Balance Error
VOUT = 100 mV, f ≤ 2 MHz (differential input)
–57
dB
C
Closed-Loop Output Impedance
f = 1 MHz (differential)
0.3
Ω
C
Channel-to-Channel Crosstalk
f = 10 kHz, measured differentially
–125
dB
C
DC PERFORMANCE
Open-Loop Voltage Gain (AOL)
80
116
dB
A
Input-Referred Offset Voltage
±0.5
±7
mV
A
Input offset voltage drift(3)
±2
μV/°C
C
Input Bias Current
0.75
3.8
μA
A
Input bias current drift(3)
±1.75
nA/°C
C
Input Offset Current
±0.03
±2.0
uA
A
Input offset current drift(3)
±0.1
nA/°C
C
(3)
Input Offset Voltage Drift, Input Bias Current Drift, and Input Offset Current Drift are average values calculated by taking data at –55°C
and +125°C, computing the difference, and dividing by 180.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com