Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4524MDBTREP Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4524MDBTREP
Description  VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT,FULLY DIFFERENTIAL AMPLIFIER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4524MDBTREP Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button THS4524MDBTREP Datasheet HTML 2Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 3Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 4Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 5Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 6Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 7Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 8Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 9Page - National Semiconductor (TI) THS4524MDBTREP Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
THS4524-EP
SBOS609A – JUNE 2012 – REVISED AUGUST 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: VS+ – VS– = 3.3 V (continued)
At VS+ = +3.3 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP (differential), RL = 1 kΩ differential, G = 1 V/V, single-ended input,
differential output, and input and output referenced to midsupply, unless otherwise noted.
TA = -55°C to 125°C
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
INPUT
Common-Mode Input Voltage Low
-0.1
0
V
A
Common-Mode Input Voltage High
1.8
1.9
V
A
Common-Mode Rejection Ratio (CMRR)
73.8
100
dB
A
Input Resistance
110
∥1.5
k
Ω∥pF
C
OUTPUT
Output Voltage Low
0.09
0.2
V
A
Output Voltage High
2.95
3.05
V
A
Output Current Drive (for linear operation)
RL = 50 Ω
±35
mA
C
POWER SUPPLY
Specified Operating Voltage
2.5
5.5
V
A
Quiescent Operating Current, per channel
0.85
1.0
1.25
mA
A
Power-Supply Rejection Ratio (±PSRR)
65
100
dB
A
POWER DOWN
Enable Voltage Threshold
Assured on above 2.1 V
1.6
2.1
V
A
Disable Voltage Threshold
Assured off below 0.7 V
0.7
1.6
V
A
Disable Pin Bias Current
1
μA
C
Power Down Quiescent Current
10
μA
C
Time to VOUT = 90% of final value,
Turn-On Time Delay
108
ns
C
VIN= 2 V, RL = 200 Ω
Time to VOUT = 10% of original value,
Turn-Off Time Delay
88
ns
C
VIN= 2 V, RL = 200 Ω
VOCM VOLTAGE CONTROL
Small-Signal Bandwidth
23
MHz
C
Slew Rate
55
V/
μs
C
Gain
0.98
0.99
1.021
V/V
A
Common-Mode Offset Voltage from VOCM
Measured at VOUT with VOCM input driven,
±2.5
±7
mV
A
Input
VOCM = 1.65 V ±0.5 V
Input Bias Current
VOCM = 1.65 V ±0.5 V
±5
±8
μA
A
VOCM Voltage Range
0.8 to 2.5
V
C
Input Impedance
72
∥1.5
k
Ω∥pF
C
Default Output Common-Mode Voltage
Measured at VOUT with VOCM input open
±1.5
±5
mV
A
Offset from (VS+– VS–)/2
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links :THS4524-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com