| Electronic Components Datasheet Search |
|
THS4524MDBTREP Datasheet(PDF) 27 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
THS4524MDBTREP Datasheet(HTML) 27 Page - National Semiconductor (TI) |
|
27 / 48 page ![]() V OUT+ ´ R R +R G G F V IN- ´ R R +R F G F + THS452x V OUT- V IN- V OUT+ V IN+ R F R F R G R G Differential Input Differential Output V S+ V S- THS452x V OUT- V OUT+ R F R F R G R G Single-Ended Input Differential Output V S+ V S- THS4524-EP www.ti.com SBOS609A – JUNE 2012 – REVISED AUGUST 2013 APPLICATION INFORMATION The following circuits show application information for the THS4524. For simplicity, power-supply decoupling capacitors are not shown in these diagrams; see the EVM and Layout Recommendations section for suggested guidelines. For more details on the use and operation of fully differential op amps, refer to the Application Report Fully-Differential Amplifiers (SLOA054), available for download from the TI web site at www.ti.com. Differential Input to Differential Output Amplifier The THS4524 is a fully-differential operational amplifier that can be used to amplify differential input signals to differential output signals. Figure 61 shows Figure 62. Single-Ended Input to Differential a basic block diagram of the circuit (VOCM and PD Output Amplifier inputs not shown). The gain of the circuit is set by RF divided by RG. Input Common-Mode Voltage Range The input common-mode voltage of a fully-differential op amp is the voltage at the + and – input pins of the device. It is important to not violate the input common-mode voltage range (VICR) of the op amp. Assuming the op amp is in linear operation, the voltage across the input pins is only a few millivolts at most. Therefore, finding the voltage at one input pin determines the input common-mode voltage of the op amp. Treating the negative input as a summing node, the voltage is given by Equation 1: Figure 61. Differential Input to Differential Output Amplifier (1) To determine the VICR of the op amp, the voltage at Single-Ended Input to Differential Output the negative input is evaluated at the extremes of Amplifier VOUT+. As the gain of the op amp increases, the input The THS4524 can also amplify and convert single- common-mode voltage becomes closer and closer to ended input signals to differential output signals. the input common-mode voltage of the source. Figure 62 illustrates a basic block diagram of the circuit (VOCM and PD inputs not shown). The gain of Setting the Output Common-Mode Voltage the circuit is again set by RF divided by RG. The output common-model voltage is set by the voltage at the VOCM pin. The internal common-mode control circuit maintains the output common-mode voltage within 5-mV offset (typ) from the set voltage. If left unconnected, the common-mode set point is set to midsupply by internal circuitry, which may be overdriven from an external source. Copyright © 2012–2013, Texas Instruments Incorporated Submit Documentation Feedback 27 Product Folder Links :THS4524-EP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |